Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3351AP Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCD3351AP
Description  8-bit microcontrollers with DTMF generator and 128 bytes EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3351AP Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCD3351AP Datasheet HTML 15Page - NXP Semiconductors PCD3351AP Datasheet HTML 16Page - NXP Semiconductors PCD3351AP Datasheet HTML 17Page - NXP Semiconductors PCD3351AP Datasheet HTML 18Page - NXP Semiconductors PCD3351AP Datasheet HTML 19Page - NXP Semiconductors PCD3351AP Datasheet HTML 20Page - NXP Semiconductors PCD3351AP Datasheet HTML 21Page - NXP Semiconductors PCD3351AP Datasheet HTML 22Page - NXP Semiconductors PCD3351AP Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
1999 Oct 28
19
Philips Semiconductors
Product specification
8-bit microcontrollers with DTMF generator
and 128 bytes EEPROM
PCA3351C; 52C; 53C;
PCD3351A; 52A; 53A
8
DERIVATIVE INTERRUPTS
One derivative interrupt event is defined. It is controlled by
bits T2F and ET2I in the EPCR (see Tables 11 and 12).
The derivative interrupt event occurs when T2F is set. This
request is honoured under the following circumstances:
• No interrupt routine proceeds
• No external interrupt request is pending
• The derivative interrupt is enabled
• ET2I is set.
The derivative interrupt routine must include instructions
that will remove the cause of the derivative interrupt by
explicitly clearing T2F. If the derivative interrupt is not
used, T2F may directly be tested by the program.
Obviously, T2F can also be asserted under program
control, e.g. to generate a software interrupt.
9
TIMING
Although the PCD335xA and PCA335xC operate over a
clock frequency range from 1 to 16 MHz, fxtal = 3.58 MHz
will usually be chosen to take full advantage of the
frequency generator section.
10 RESET
In addition to the conditions given in the
“PCD33XXA
Family” data sheet, all derivative registers are cleared in
the reset state.
11 IDLE MODE
In Idle mode, the frequency generator, the EEPROM and
the Timer 2 sections remain operative. Therefore, the
IDLE instruction may be executed while an erase and/or
write access to EEPROM is in progress.
12 STOP MODE
Since the oscillator is switched off, the frequency
generator, the EEPROM and the Timer 2 sections receive
no clock. It is suggested to clear both the HGF and the
LGF registers before entering Stop mode. This will cut off
the biasing of the internal amplifiers, considerably
reducing current requirements.
The Stop mode must not be entered while an erase
and/or write access to EEPROM is in progress. The STOP
instruction may only be executed when EWP in EPCR is
zero. The Timer 2 section is frozen during Stop mode.
After exit from Stop mode by a HIGH level on CE/T0,
Timer 2 proceeds from the held state.
13 INSTRUCTION SET RESTRICTIONS
• For PCD3351A and PCA3351C only:
– ROM space being restricted to 2 kbytes, the
‘SEL MB1/2/3’ instructions would define non-existing
program memory banks and should therefore be
avoided.
– RAM space being restricted to 64 bytes, care should
be taken to avoid accesses to non-existing RAM
locations.
• For PCD3352A and PCA3352C only:
– ROM space being restricted to 4 kbytes, the
‘SEL MB2/3’ instructions would define non-existing
program memory banks and should therefore be
avoided.
• For PCD3353A and PCA3353Conly:
– ROM space being restricted to 6 kbytes, the
‘SEL MB3’ instructions would define non-existing
program memory banks and should therefore be
avoided.
• For the PCD3352A, PCD3353A, PCA3352C and
PCA3353C, RAM space is restricted to 128 bytes, thus
care should be taken to avoid accesses to non-existing
RAM locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com