Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVE2 Datasheet(PDF) 1 Page - Zoran Corporation

Part # CVE2
Description  NTSC/PAL Video Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

CVE2 Datasheet(HTML) 1 Page - Zoran Corporation

  CVE2 Datasheet HTML 1Page - Zoran Corporation CVE2 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CVE2
NTSC/PAL Video Encoder
Te l
408.523.6500
Fax 408.523.6501
www.zoran.com
Product Brief
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
7/16/04-TS
CVE2-PB-1.0
Zoran’s CVE2 NTSC/PAL video encoder core continues a line of
highly efficient, cost effective solutions for the digital video market.
The CVE2 core encodes YCrCb video into all NTSC and PAL stan-
dards with full programmable timing parameters. The carrier fre-
quency and phase provides maximum flexibility. The core also
includes support for Macrovision 7.1.L1, the copy protection used by
DVD and set -top boxes.
This synthesizable intellectual property core accepts YCrCv video as
specified by the CCIR-601 standard or full range YCrCb. All timing
signals are generated within the core, synchronized to an external
27 MHz clock. In master mode the core provides Hblank and Vblank
to the video source. In slave mode Hblank and Vblank are inputs. In
slave mode the core can also be configured to accept multiplexed
YCrCb as specified by the CCIR-656 standard.
The outputs are 6 separate busses for Y, Composite, Chroma, and
RGB. This allows for flexibility in connection and multiplexing to DACs.
Design Considerations
• Low silicon area: approximately 29,000 gates
• Fully synchronous design
• Technology independent. synthezable to most CMOS libraries
Deliverables
• Compilable RTL source code
• Bit accurate C model
• Synopsis synthesis scripts
• Test input files
• IP core documentation
Description
• Encodes YCrCb into NTSC or PAL/SECAM
• Supports Macrovision 7.1.L1 copy protection
• Supports all variations of NTSC encoding
• Supports all variations of PAL encoding
(I, B, G, D, N, M and combination N)
• RGB SCART output with (MV)
• Component YUV output with (MV)
• Controlled (smooth) edges on Sync and Burst
• Adheres to CCIR 601, 604 and 656 specs; also adheres to
SMTPE 253 spec
• Programmable Notch Filter
• Upsampled design minimizes sinx/x distortion and complexity
of external analog filter
• Nominal sample rate is 27 Msample/s
• Advanced Trick Play Features including Zoom, Smooth Scan
• Flexible input configuration: can be timing slave or master
• Outputs 10 bit data to DACs
• Generic register programming port
• Controlled entry and exit of active video line
• Fully programmable RGB setup and sync
• WSS & CGMS Data Line Encoding
Core Features
• PC Video
• Digital camera process
• PC Graphic
• Any system requiring TV output
Applications
DVD
Digital Camera
Digital TV
Imaging
IP Cores
Driving the Digital Lifestyle
Driving the Digital Lifestyle


Similar Part No. - CVE2

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
NTSC/PAL/SECAM Video Encoder
CVE4 ZORAN-CVE4 Datasheet
231Kb / 2P
Progressive Out Video Encoder
CVE5 ZORAN-CVE5 Datasheet
232Kb / 2P
High Definition Video Encoder
More results

Similar Description - CVE2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170 Datasheet
232Kb / 33P
NTSC/PAL Video Encoder
May 1999
HMP8190 INTERSIL-HMP8190 Datasheet
227Kb / 32P
NTSC/PAL Video Encoder
May 1999
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
NTSC/PAL Digital Video Encoder
logo
Intersil Corporation
HMP8170 INTERSIL-HMP8170_03 Datasheet
632Kb / 33P
NTSC/PAL Video Encoder
September 2003
logo
Zoran Corporation
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
NTSC/PAL/SECAM Video Encoder
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
Digital PAL/NTSC Video Encoder
REV. C
logo
Renesas Technology Corp
HMP8170 RENESAS-HMP8170 Datasheet
1Mb / 33P
NTSC/PAL Video Encoder
Sep 2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com