Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVE2 Datasheet(PDF) 2 Page - Zoran Corporation

Part # CVE2
Description  NTSC/PAL Video Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

CVE2 Datasheet(HTML) 2 Page - Zoran Corporation

  CVE2 Datasheet HTML 1Page - Zoran Corporation CVE2 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
7/16/04-TS
CVE2-PB-1.0
For more information, contact Zoran's Sunnyvale office or the office nearest you:
Canada
Zoran Toronto Lab
Te l : (416) 690-3356
Fax: (416) 690-3363
China
Zoran China Office
Tel: 86-755-83993777
Fax: 86-755-83220889
Hong Kong
Zoran Asia Pacific Ltd.
Tel: +852-2-620-5838
Fax: +852-2-620-5238
Israel
Zoran Microelectronics Ltd.
Tel: +972-4-8545-777
Fax: +972-4-8551-551
Japan
Zoran Japan Office
Tel: +81-03-5475-1051
Fax: +81-03-5475-1053
Korea
Zoran Korea Office
Tel: +82-2-761-7471
Fax: +82-2-761-7472
Taiwan
Zoran Taiwan Office
Te l : +886-2-2659-9797
Fax: +886-2-2659-9595
CVE2
NTSC/PAL Video Encoder
Product Brief
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Figure 1. CVE2 Intellectual Property Core
Y
data_write
Y 19-tap 2x Upsampling Filter
Cb 4x Upsampling Filter
Cr 4x Upsampling Filter
Timing Generator &
Macrovision Control
Register File
Add Sync Setup
Chroma Modulation
and Burst Generation
Cr, Cb
Hblank
Vblank
clk27
data_read
r/w control
R/Pr
G/Y
B/Pb
Y D/A
YUV2RGB
Y D/A
Composite D/A
C D/A
Add WSS Pulse
Figure 2. CVE2 Logical Pinout
Cr, Cb Data [7:0]
Y Data [7:0]
V blank
H blank
uc_reg_rdy
uc_reg_ack
Reset
27 MHz clk
cpu clk
cpu reset
uc_data_in [7:0]
uc_reg_rw
uc_data_out [7:0]
uc_dout_rdy
Composite [9:0]
Y Data [9:0]
C Data [9:0]
R [9:0]
B [9:0]
Composite Sync
G [9:0]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com