Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CVE5 Datasheet(PDF) 1 Page - Zoran Corporation

Part # CVE5
Description  High Definition Video Encoder
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZORAN [Zoran Corporation]
Direct Link  http://www.csr.com/
Logo ZORAN - Zoran Corporation

CVE5 Datasheet(HTML) 1 Page - Zoran Corporation

  CVE5 Datasheet HTML 1Page - Zoran Corporation CVE5 Datasheet HTML 2Page - Zoran Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CVE5
High Definition Video Encoder
Te l
408.523.6500
Fax 408.523.6501
www.zoran.com
Product Brief
Zoran Corporation
1390 Kifer Road
Sunnyvale, CA 94086-5305
7/16/04-TS
CVE5-PB-1.0
Zoran's CVE5 High Definition Video Encoder is a silicon-efficient,
high-quality Intellectual Property Core for video IC designs requiring
the high definition TV encoding. The CVE5 encodes YCrCb, 4:2:2
digital video into the 720p, 1080i, 480p and 576p standards. All
NTSC, PAL, or SECAM TV standards for interlaced output are also
supported. CVE5 supports vertical blanking interval (VBI) encoding,
including closed caption, teletext, WSS and CGMS-A encoding.
CVE5 also includes support for Macrovision 7.1.L1, the copy protec-
tion scheme used in DVD players and set-top boxes. Six separate
output busses for Y, Composite, Chroma, and RGB provide for flexi-
bility in connection and multiplexing to DACs.
The CVE5 High Defintion video encoder greatly reduces the risk and
time involved when integrating this function into an IC. When com-
bined with Zoran's Frame-It-1 Video Deinterlacer, CVE5 provides an
quality solution for high definition video encoding.
Description
• 720p, 1080i, 480p and 576p standards supported
• Encodes 4:2:2 YCrCb into all variations of NTSC, PAL or SECAM
interlaced TV standards for interlaced output
• Simultaneous output of composite video, S-video and component
video supported
• Dual chroma paths for optimal output of both composite video and
S-Video component video
• CCIR 601, 604 and 656 and SMTPE 253 standards supported
• Macrovision 7.1.L1 copy protectionn
• 47-tap luma filter
• Outputs 10-bit data to DACs
• Vertical Blanking Interval (VBI) encoding support
• Closed caption, teletext, WSS & CGMS-A encoding
• Uniform 54 MHz clock; fully synchronous design
• 4x oversampling of luminance and chrominance filter for interlace mode
• 2x oversampling for progressive scan mode
• Process technology independent "softcore"
Features
• Compilable Verilog source code
• Bit accurate, cycle accurate C model
• Synopsis synthesis scripts
• Test input files
• Documentation
Deliverables
CVE5 High Definition Encoder Block Diagram
• HDTV
• Digital TV
• Set top box decoders
• Any system requiring high definition TV encoding
Integrated Circuit Applications
DVD
Digital Camera
Digital TV
Imaging
IP Cores
Driving the Digital Lifestyle
Driving the Digital Lifestyle
Y
data_write
Cr, Cb
clk27
clk54
data_read
r/w control
R/Pr
G/Y
B/Pb
clk74.25
Y D/A
Y D/A
Composite D/A
C D/A
Add VBI Pulse
(WSS/Closed
Caption/Teletext)
tt_req tt_data
Noise reduction
and edge
enhancement
Y 2x 45 tap
Upsampling Filter
Y 2x 15 tap
Upsampling Filter
Add Sync Setup
Chroma Modulation
and Burst
Generation
SECAM Chroma
Modulation
YUV to RGB
Cb 4x
Upsampling Filter
Cr 4x
Upsampling Filter
Standard Definition
and High Definition
Interlaced and
Progressive
Timing Generator
and Macrovision
Control
Register file
Cb 2x
Upsampling Filter
Cr 2x
Upsampling Filter
vblank
Hblank
clk148.5


Similar Part No. - CVE5

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
CVE2 ZORAN-CVE2 Datasheet
228Kb / 2P
NTSC/PAL Video Encoder
CVE3 ZORAN-CVE3 Datasheet
232Kb / 2P
NTSC/PAL/SECAM Video Encoder
CVE4 ZORAN-CVE4 Datasheet
231Kb / 2P
Progressive Out Video Encoder
More results

Similar Description - CVE5

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1381 SANYO-2SA1381 Datasheet
137Kb / 4P
High-Definition CRT Display, Video Output
logo
LOGIC Devices Incorpora...
LF3370 LODEV-LF3370 Datasheet
412Kb / 24P
High-Definition Video Format Converter
logo
List of Unclassifed Man...
AV3168 ETC1-AV3168 Datasheet
196Kb / 24P
Video Encoder
logo
Analog Devices
ADA4417-3 AD-ADA4417-3 Datasheet
454Kb / 16P
Integrated Triple Video Filter for High Definition Video
7/06-Revision 0
logo
Silicon image
MSVD-HD SILICONIMAGE-MSVD-HD Datasheet
178Kb / 2P
Multi-Standard High-Definition Video Decoder
logo
SG Micro Corp
SGM9125 SGMICRO-SGM9125 Datasheet
292Kb / 10P
Definition Video Filter Driver
logo
Analog Devices
ADA4417-3 AD-ADA4417-3_15 Datasheet
435Kb / 16P
Integrated Triple Video Filter for High Definition Video
REV. A
logo
Maxim Integrated Produc...
MAX11500 MAXIM-MAX11500 Datasheet
152Kb / 8P
Three-Channel, High-Definition Video Filter
Rev 0; 1/08
logo
Savitech Corp.
SV5104C SAVITECH-SV5104C Datasheet
213Kb / 8P
Standard Definition Video Driver
logo
Renesas Technology Corp
RAA279971 RENESAS-RAA279971 Datasheet
178Kb / 3P
Automotive Analog High Definition Link Encoder
May 6, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com