Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAA279971 Datasheet (PDF) - Renesas Technology Corp

RAA279971 Datasheet PDF - Renesas Technology Corp
Part # RAA279971
Download  RAA279971 Download
File Size   178.77 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Analog High Definition Link Encoder

RAA279971 Datasheet (PDF)

Go To PDF Page Download Datasheet
RAA279971 Datasheet PDF - Renesas Technology Corp

Part # RAA279971
Download  RAA279971 Click to download

File Size   178.77 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Automotive Analog High Definition Link Encoder

RAA279971 Datasheet (HTML) - Renesas Technology Corp


RAA279971 Product details

▪ Analog Video Encoder
• Software selectable control allows for
single-ended, differential, and pseudo differential
CVBS
• 10-bit DAC
• Integrated PLL
• Internal test pattern generator
• Independent amplitude adjustment for luminance
and chrominance
▪ MIPI Input
• MIPI CSI2 1.1 compliant unidirectional output
format
• YUV 422 input format, 2 lane
• DVP / MIPI pin sharing for minimum pin count
• Supports 720p 30fps, 720p 60fps, 1080p 30fps,
and wide resolutions for e-mirror applications
▪ Digital Inputs
• 10/8-bit Digital Video Port parallel interface
• 10/8-bit Pseudo BT.656 parallel interface
• Supports 720p 30fps, 720p 60fps, 1080p 30fps,
and wide resolutions for e-mirror applications
▪ Miscellaneous
• Low power consumption
• Power Save and Power Down modes
• Bi-directional two-wire digital control channel
• Two-wire control interface
• Single 27MHz crystal for all operations
• 3.3V or 1.8V selectable I/O
• 32 Ld SQFN (5x5mm QFN with step cut leads)
• AEC-Q100 qualified




Similar Part No. - RAA279971

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RAA270000KFT RENESAS-RAA270000KFT Datasheet
1Mb / 68P
General purpose Power Management IC
2020.1
RAA270005KFP RENESAS-RAA270005KFP Datasheet
1Mb / 77P
General Purpose Power Management IC
Apr. 9, 2018
RAA271000 RENESAS-RAA271000 Datasheet
2Mb / 105P
General-Purpose Power Management IC for Automotive Applications
May 23, 2022
RAA271000 RENESAS-RAA271000 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
RAA271000A4HBG#AC0 RENESAS-RAA271000A4HBG#AC0 Datasheet
3Mb / 107P
General-Purpose Power Management IC for Automotive Applications
Jun 23, 2025
More results


Similar Description - RAA279971

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
CVE5 ZORAN-CVE5 Datasheet
232Kb / 2P
High Definition Video Encoder
logo
Silicon image
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
Mobile High-Definition Link (MHL) Technology Transmitter
logo
Fairchild Semiconductor
FSA3031 FAIRCHILD-FSA3031 Datasheet
1Mb / 3P
Dual High-Speed USB2.0 with Mobile High-Definition Link (MHL??
FSA3200 FAIRCHILD-FSA3200 Datasheet
780Kb / 13P
Two-Port, High-Speed USB2.0 Switch with Mobile High-Definition Link (MHL??
logo
Texas Instruments
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
TS3USB3000 TI1-TS3USB3000_15 Datasheet
1Mb / 26P
DPDT USB 2.0 High-Speed and Mobile High-Definition Link Switch
logo
Renesas Technology Corp
TW9966 RENESAS-TW9966 Datasheet
159Kb / 2P
4-Channel Analog Video Decoders and Analog Video Encoder for Automotive Applications
logo
ON Semiconductor
FSA3030 ONSEMI-FSA3030 Datasheet
501Kb / 14P
High-Speed USB2.0/Mobile High- Definition Link
July 2016 Rev. 1.12
FSA3031 ONSEMI-FSA3031 Datasheet
870Kb / 15P
Dual High-Speed USB2.0 with Mobile High-Definition Link
November 2012 Rev. 1.0.4
logo
TRINAMIC Motion Control...
TMC4671 TRINAMIC-TMC4671 Datasheet
4Mb / 157P
Encoder Engine: Hall analog/digital, Encoder analog/digital
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com