Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CBA10 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CBA10
Description  Electrical Tester PCE-CBA 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CBA10 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CBA10 Datasheet HTML 1Page - PCE Instruments. PCE-CBA10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measurement object
12V starter batteries
Battery standards
DIN, JIS, IEC, EN, GB, SAE, MCA
Test time
3 ... 10 s
Cold start current CCA
100 ... 1700 A
Battery capacity
30 Ah ... 100 Ah
Display
2.4" LC display
Power supply
12V DC over test voltage
Connection
Kelvin terminals
Dimensions
124 x 73 x 22 mm / 4.8 x 2.8 x 0.8 in
Cable length
ca. 100 cm / 39 in
Weight
ca. 250 g / 8.8 oz
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com