Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CBA10 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CBA10
Description  Electrical Tester PCE-CBA 10
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CBA10 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CBA10 Datasheet HTML 1Page - PCE Instruments. PCE-CBA10 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electrical Tester PCE-CBA 10
Electrical Tester PCE-CBA 10
Car battery tester for testing 12V starter batteries/ LC display /
Starter and charging circuit measurement / Robust design / Easy touse
The electrical tester PCE-CBA 10 is a car battery tester and allows fast and easy testing of 12V voltage starting batteries.The electrical tester has
various test modes to determine the condition of the car battery. TheLC display of the electrical tester guides the user intuitively through the
settings and various modes of operation.
The electrical tester is suitable for car batteries of the type DIN, KIS, IEC, EN, GB, SAE and MCA.To test the battery, the electrical tester can
measure, inter alia, the starting current to determine the capacity of the car battery in the range between 30 and 100 Ah. 
LC display
Multilingual menu
For 12V starter batteries
Different test modes
Fast measurement
DIN, JIS, EN, IEC, SAE, GB & MCA standards


Similar Part No. - PCE-CBA10

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CBA20 PCE-PCE-CBA20 Datasheet
566Kb / 2P
Car Measuring Device / Car Battery Tester PCE-CBA 20
More results

Similar Description - PCE-CBA10

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
List of Unclassifed Man...
010-0133 ETC2-010-0133 Datasheet
148Kb / 2P
BNC TESTER (ELECTRICAL)
logo
Belden Inc.
SMPTE-304TS BELDEN-SMPTE-304TS Datasheet
621Kb / 2P
SMPTE Tester
logo
Pepperl+Fuchs Inc.
1-1350 PF-1-1350 Datasheet
245Kb / 1P
Initiator tester
ST03 PF-ST03 Datasheet
957Kb / 1P
Sensor tester
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com