Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CT80 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CT80
Description  Thickness Meter PCE-CT 80
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT80 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CT80 Datasheet HTML 1Page - PCE Instruments. PCE-CT80 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
Fe: 0 to 5000 μm / 0 ... 196.9 mils
 
NFe: 0 to 3000 μm / 0 ... 118.1 mils
Accuracy
± (2% of reading + 1 μm / 0.039 mils)
Resolution
0.1 μm (0.0039 mils) (< 100 μm / 3.94 mils)
 
1 μm / 0.039 mils (> 100 μm / 3.94 mils)
Measurable materials
Non-magnetic layers on steel, iron, ...
 
Non-electrically conductive layers on aluminum, copper,
...
Min. radius of curvature
convex
5 mm / 0.2 in
Min. radius of curvature 
    concave
25 mm / 1 in
Min. measuring surface Ø17 mm / 0.7 in
Min. substrate thickness 0.2 mm / 0.08 in (on magnetic materials)
 
0.05 mm / 0.002 in (on non-magnetic materials)
Probe mode
Autom. Mode with material detection (Fe + NFe)
 
Magnetic mode (Fe)
 
Eddy current mode (NFe)
Measurement mode
Single measurement
 
continuous measurement
Calibration
Multipoint calibration (1 ... 4 points for each group)
 
Zeroing
Units
μm, mm, mils
Data transfer
USB 2.0
Storage
A volatile measuring group (DIR mode)
 
Four measuring groups with autom. Storage and max.
2000 readings (GEN mode)
Statistical functions
Number of Measured values, mean, minimum,
maximum, standard deviation
Alarm
Display when the adjustable upper and lower alarm
limits are exceeded
Operating time
Autom. Shutdown mode (3 min.)
Power supply
3 x 1.5V AAA batteries
Display
128 x 128 px LCD display
Indicators
Battery status
 
Fault detection
Operating conditions
0 ... 50°C / 32 ... 122°F
 
20 ... 90% RH not condensing
Storage conditions
-10 ... 60°C / 14 ... 140°F
 
20 ... 90% RH not condensing
Dimensions
(L x W x H) 143 x 71 x 37 mm / 5.6 x 2.8 x 1.5 in
Weight
With sensor and batteries: approx. 271 g / < 1 lb
 
 
More information
Manual
Software Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com