Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CT80 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CT80
Description  Thickness Meter PCE-CT 80
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CT80 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CT80 Datasheet HTML 1Page - PCE Instruments. PCE-CT80 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thickness Meter PCE-CT 80
Thickness meter PCE-CT 80
Coating thickness gauge for Fe and NFe / USB interface / Battery operation /  Integrated data memory / Various sensors available
The paint layer thickness gauge PCE-CT 80 is a measuring device for the nondestructive measurement of coatings (paints, lacquers, plastics ...)
on steel / iron and non-ferrous metals. Thanks to the externally connected sensor on the PCE-CT 80 ink layer thickness gauge, even difficult-to-
reach measuring points can be easily achieved. The menu navigation of the paint thickness gauge allows easy adjustment and setting to new
parameters and makes this handy paint coating thickness gauge an indispensable tool for control measurements in production, workshop and
quality assurance. Includes FN1.5 probe in kit for 0 ... 1500 μm or 0 ... 59 mils measurements.
The color coating thickness gauge PCE-CT 80 is also ideally suited for detecting and assessing eg accident damage to motor vehicles
immediately, but also in the industrial sector the paint thickness gauge can be optimally used in incoming and outgoing inspections as well as
material testing in production. 
The ergonomically shaped PCE-CT 80 ink layer thickness gauge with external sensor allows you to quickly determine measurement results with
high accuracy. The paint thickness gauge measures non-magnetic layers such as paint, plastic, chrome, copper, zinc, enamel, etc. on steel / iron,
and non-electrically conductive layers such as paint, plastic, enamel, paper, glass, rubber, etc. on copper, aluminum, brass and stainless steel, as
well as anodized aluminum.
For many materials such as, iron, steel, aluminum, copper, brass and stainless steel
Measurements can not be influenced by vibrations
Practical V-groove on the measuring heads
Ergonomic design
Warning for measurements outside the maximum measuring range
Wear-resistant, spring-mounted measuring head for precise measurement results
Various optional sensors available


Similar Part No. - PCE-CT80

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CT80-FN1D5 PCE-PCE-CT80-FN1D5 Datasheet
699Kb / 2P
Material Tester PCE-CT 80-FN1D5
More results

Similar Description - PCE-CT80

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Schneider Electric
A9MEM3200 SCHNEIDER-A9MEM3200 Datasheet
127Kb / 3P
iEM3200 energy meter - CT
May 21, 2020
A9MEM3210 SCHNEIDER-A9MEM3210 Datasheet
127Kb / 3P
iEM3210 energy meter - CT - 1 pulse O - MID
May 21, 2020
A9MEM3250 SCHNEIDER-A9MEM3250 Datasheet
128Kb / 3P
iEM3250 energy meter - CT - Modbus
May 21, 2020
A9MEM3275 SCHNEIDER-A9MEM3275 Datasheet
135Kb / 3P
iEM3275 energy meter - CT - LON - 1 digital I - multi-tariff - MID
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
logo
NHP Electrical Engineer...
TAIBB805A NHP-TAIBB805A Datasheet
1Mb / 3P
CT SOLID CORE 80/5A 21mm 2.5VA CL3
11 October 2022,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com