Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC3 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-DC3
Description  Clamp Meter PCE-DC3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC3 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-DC3 Datasheet HTML 1Page - PCE Instruments. PCE-DC3 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
AC current
(50 / 60 Hz)
Range / Resolution / Accuracy
2 A  / 1-mA / ± 2.8% + 10 dgt
80 A / 100-mA / ± 3.0% + 8 dgt
DC current
Range / Resolution / Accuracy
2 A / 1-mA / ± 3.0% + 10 dgt
80 A / 100-mA / ± 3.0% + 8 dgt
AC overload protection
(Non-contact)                                          
100V AC up to 600V AC 50 / 60 Hz
Flashlight illumination
White LED
Conductor diameter
18 mm / 0.7 in maximum
Display
3 2/3 digit LCD display with backlighting
Power
2 - 1.5V AAA batteries
Casing
PVC
Dimensions
164 x 65 x 32 mm / 6.4 x 2.5 x 1.2 in
Weight
175 g / < 1 lb
Standards
EN61010-1; CAT II / 600V
EN61010-2-032; CAT III / 300V
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com