Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC3 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DC3
Description  Clamp Meter PCE-DC3
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC3 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DC3 Datasheet HTML 1Page - PCE Instruments. PCE-DC3 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Clamp Meter PCE-DC3
PCE-DC3 Clamp Meter
Measures AC/DC electrical current up to 80 amps / Automatic range selection / DCA zero adjustment / Non-contact voltage
testing functionality / Jaw opening of 18 mm (0.7 in)
PCE-DC3 is a user-friendly digital clamp meter with automatic range selection used to measure AC/DC electrical currents with high accuracy.
Combining a basic digital multimeter with a current sensor, the PCE-DC3 clamp meter features a thoughtfully integrated backlit LCD screen and
built-in flashlight for illumination in dark spaces. In addition, the clamp meter's compact size allows unique access to small and hard-to-reach
places. Complete with DCA zero adjustment and non-contact voltage testing functionality, the PCE-DC3 clamp meter comes manufacturer
calibrated. An optional ISO calibration certificate is available for an additional fee - see accessories tab for details.
4-digit LCD display with backlight
AC/DC current measurement up to 80 amps
Save function
DCA zero adjustment
Current tester
Integrated flashlight
Automatic range selection
Jaw opening of 18 mm / 0.7 in


Similar Part No. - PCE-DC3

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-DC3-ICA PCE-PCE-DC3-ICA Datasheet
191Kb / 2P
Clamp on Tester PCE-DC3-ICA incl. ISO CalibrationCertificate
More results

Similar Description - PCE-DC3

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA200 EXTECH-MA200 Datasheet
282Kb / 8P
400A AC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
EX720 EXTECH-EX720 Datasheet
301Kb / 1P
800A Clamp Meter
EX700 EXTECH-EX700 Datasheet
301Kb / 1P
800A Clamp Meter
EX710 EXTECH-EX710_15 Datasheet
301Kb / 1P
800A Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
List of Unclassifed Man...
CL445 ETC-CL445 Datasheet
6Mb / 2P
HVAC CLAMP METER
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com