Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC41 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-DC41
Description  Clamp Meter PCE-DC 41
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC41 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-DC41 Datasheet HTML 1Page - PCE Instruments. PCE-DC41 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Technical specifications
Direct voltage
Range
ResolutionAccuracy
Input impedance: 1 MΩ
600 V
0.1 V
± 1 % + 2 digits
Direct voltage (peak model)
Input impedance: 1 MΩ
600 V
0.0 ... 0.01
in
0.1 V
0.0 ... 0.01
in
± 1.5 % + 8 digits
0.0 ... 0.01 in
Alternating voltage
Input Impedance: 1 MΩ
600 V
0.1 V
± 1.2 % ± 5 digits
(50 ... 500 Hz)
Alternating voltage (peak
model)
Input impedance: 1 MΩ
600 V
0.1 V
± 1.7 % + 10 digits
Direct current
60 A
600 A
0.01 A
0.1 A
± 2 % + 5 digits
Direct current (peak model)
600 A
0.1 A
± 2.5 % + 8 digits
Alternating current
60 A
600 A
0.01 A
0.1 A
±2 % + 5 digits (50...60
Hz)
±3 % + 5 digits (60...500
Hz)
Alternating current (peak
model)
600 A
0.01 A
±2.5 % + 10 digits
Electrical resistance
1000 Ω
0.1 Ω
± 1 % + 2 digits
Continuinty check
Buzzer function
<40 Ω
General specifications
Display
4-digit LCD
maximum reading: 6200
Sampling rate
3 times/s
Power supply
2 x 1.5 V AAA batteries
Batter life
50 hours (without buzzer backlight function)
Auto Power off
after 30 minutes of inactivity
Operating conditions
0.0 °C ... +40 °C / < 70 % RH
0.0 °F ... +104 °F
Storage conditions
-10 °C ... +60 °C / < 80 % RH
+14 °F ... +140 °F
Maximum clamp opening Ø 25 mm / Ø 0.1 in
Dimensions
210 mm x 62 mm x 36 mm
8.26 in x 2.44 in x 1.41 in
Weight
273 g / 0.6 lbs with batteries
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com