Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC41 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DC41
Description  Clamp Meter PCE-DC 41
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC41 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DC41 Datasheet HTML 1Page - PCE Instruments. PCE-DC41 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Clamp Meter PCE-DC 41
Clamp Meter PCE-DC 41
Voltage metering up to 600 V / current metering up to 600 A / CAT III 600 V
Electrical resistance metering up to 1000 Ω / contact-free measuring of electrical conductors
The clamp meter PCE-DC 41 can measure voltages up to 600 V, currents up to 600 A and electrical resistance up to 1000 Ω. To perform a
measurement, you can either use the measuring leads, which are included in the package of the clamp meter, or you can use the integrated
clamp mechanism. By using the clamp of the clamp meter, you are able to measure the electrical parameters of an electrical conductor
contact-free and without disconnecting it.You can also check the continuity with the clamp meter.
Due to its compact design and light weight, the device is well-suited for mobile use. When using the clamp mechanism, it is also possible to
run the clamp meter with one hand only. The measured data is shown on the large backlit 4-digit display. By using the peak-hold or data-hold
function, you can also freeze the readings on the display. The auto power-off function saves battery power, when the device is not in use.
Voltage: 600 V AC/DC
Current: 600 A AC/DC
Electrical Resistance: 1000 Ω
Clamp mechanism
Continuity check
Peak- and data-hold function
Measuring leads included in the package
4-digit display
Display backlight
Auto power-off


Similar Part No. - PCE-DC41

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-DC1 PCE-PCE-DC1 Datasheet
163Kb / 2P
Current Clamp PCE-DC1
PCE-DC1-ICA PCE-PCE-DC1-ICA Datasheet
873Kb / 2P
Digital Multimeter PCE-DC1-ICA Incl. ISO Calibration Certificate
PCE-DC2 PCE-PCE-DC2 Datasheet
393Kb / 2P
Technical Specification Clamp Meter PCE-DC 2
PCE-DC3 PCE-PCE-DC3 Datasheet
181Kb / 2P
Clamp Meter PCE-DC3
PCE-DC3-ICA PCE-PCE-DC3-ICA Datasheet
191Kb / 2P
Clamp on Tester PCE-DC3-ICA incl. ISO CalibrationCertificate
More results

Similar Description - PCE-DC41

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380652 EXTECH-380652 Datasheet
237Kb / 1P
200A AC/DC Mini Clamp Meter
380926 EXTECH-380926 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
380950 EXTECH-380950 Datasheet
264Kb / 1P
80A Mini AC/DC Clamp Meter
DC400 EXTECH-DC400 Datasheet
209Kb / 1P
Mini DC Clamp Meter
MA220 EXTECH-MA220 Datasheet
227Kb / 9P
400A AC/DC Clamp Meter
380926 EXTECH-380926_15 Datasheet
213Kb / 1P
2000A AC/DC Clamp Meter
logo
List of Unclassifed Man...
316 ETC2-316 Datasheet
64Kb / 1P
Milli-Amp AC/DC Clamp Meter
logo
Fluke Corporation
303 FLUKE-303 Datasheet
1Mb / 24P
Clamp Meter
319 FLUKE-319 Datasheet
1Mb / 22P
Clamp Meter
logo
PCE Instruments.
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com