Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA84C646P Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCA84C646P
Description  Microcontrollers for TV tuning control and OSD applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C646P Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCA84C646P Datasheet HTML 13Page - NXP Semiconductors PCA84C646P Datasheet HTML 14Page - NXP Semiconductors PCA84C646P Datasheet HTML 15Page - NXP Semiconductors PCA84C646P Datasheet HTML 16Page - NXP Semiconductors PCA84C646P Datasheet HTML 17Page - NXP Semiconductors PCA84C646P Datasheet HTML 18Page - NXP Semiconductors PCA84C646P Datasheet HTML 19Page - NXP Semiconductors PCA84C646P Datasheet HTML 20Page - NXP Semiconductors PCA84C646P Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 72 page
background image
1995 Jun 15
17
Philips Semiconductors
Preliminary specification
Microcontrollers for TV tuning
control and OSD applications
PCA84C646; PCA84C846
9.4.1
MOUNTING PRECAUTIONS
To achieve good OSD performance, take the following
precautions for the microcontroller mounting:
• Apply the recommended R, Cs and Cp (PLL loop filter)
values as shown in Fig.12 and place them as close as
possible to pin C (41).
• To guarantee stable PLL operation, apply a noise-free
HSYNC signal (pin 6).
• Avoid heavy loading of the output pins.
• The supply voltage (VDD) must be correctly decoupled.
Connect decoupling capacitors as close as possible to
the VDD and VSS pins.
• Position microcontroller optimal and away from
components bearing high voltage and/or strong current.
• PLL loop filter ground of capacitors C
s and Cp must be
directly connected to the VSS pin (21). Avoid a ground
loop and separate the ground from other digital signals
ground.
• The connection between VSS pin (21) and +5 V regulator
ground/switching power supply secondary ground must
be as short as possible.
Fig.12 On-chip OSD oscillator.
handbook, full pagewidth
MED196
VOLTAGE
CONTROLLED
OSCILLATOR
CHARGE PUMP
AND
LOOP FILTER
PHASE/
FREQUENCY
DETECTOR
ACTIVE
LEVEL
DETECTOR
PROGRAMMABLE
7-BIT COUNTER
fOSD
(OSD clock)
divided by N
STANDBY
f2
f1
HSYNC
16
OSD disable
C
Cs
fVCO
Cp
R
(2)
(1)
(1) R=10to47k
Ω; typ. 15 kΩ.
Cs = 100 to 470 nF; typ. 220 nF.
Cp = 1⁄10 Cs.
For mounting see Section 9.4.1 “Mounting precautions”.
(2) Example:
If f1 = 15.750 kHz and (decimal value of 7-bit counter) = 32 then fVCO = 8.064 MHz
and the output of the Programmable 7-bit counter is 15.750 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com