Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA84C646P Datasheet(PDF) 19 Page - NXP Semiconductors

Part # PCA84C646P
Description  Microcontrollers for TV tuning control and OSD applications
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCA84C646P Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button PCA84C646P Datasheet HTML 15Page - NXP Semiconductors PCA84C646P Datasheet HTML 16Page - NXP Semiconductors PCA84C646P Datasheet HTML 17Page - NXP Semiconductors PCA84C646P Datasheet HTML 18Page - NXP Semiconductors PCA84C646P Datasheet HTML 19Page - NXP Semiconductors PCA84C646P Datasheet HTML 20Page - NXP Semiconductors PCA84C646P Datasheet HTML 21Page - NXP Semiconductors PCA84C646P Datasheet HTML 22Page - NXP Semiconductors PCA84C646P Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 72 page
background image
1995 Jun 15
19
Philips Semiconductors
Preliminary specification
Microcontrollers for TV tuning
control and OSD applications
PCA84C646; PCA84C846
10 DISPLAY RAM ORGANIZATION
The display RAM is organized as 64
× 10 bits.
The general format of each RAM location is as follows:
• Bits <9-4> hold data, comprising:
– Customer designed Character Font Codes (62)
– Carriage Return Code (1)
– Space Code (1).
• Bits <3-0> contain the attributes of the Character Font:
– Foreground colour and Blinking
– Character size and Line space
– Background colour and End-of-Display .
10.1
Description of display RAM codes
There are three data formats for the display RAM code
1. Character Font Code
2. Carriage Return Code
3. Space Code.
The three data formats and their descriptions are shown in
Tables 9 to 17. Figure 14 illustrates an example of the
timing of FB, R, G, and B pulses when displaying a line of
dots stream in a character.
FB = VOB; R = VOW0, G = VOW1; B = VOW2.
Figure 15 shows an example of the screen which includes
some Cariage Return and Space codes.
Table 9
Format of Character Font Code
Table 10 Description of Character Font Code bits
Table 11 Selection of Background and Foreground colour
987654321
0
C5
C4
C3
C2
C1
C0
T3
T2
T1
T0
Character Font Code (00H - 3DH)
Foreground colour
Blink
SYMBOL
DESCRIPTION
C5 to C0
If bits <9-4> are in the range (00H to 3DH), then this is a Character Font Code and 1 from 62 customer
designed character fonts can be selected.
T3 to T1
Bits <3-1> determine the (Foreground) colour (1 out of 8) of this character; see Table 11.
T0
Blinking of this character is controlled by bit <0>. See Section 12.3 for duty cycle and frequency control.
When T0 = 0; blinking is OFF.
When T0 = 1; blinking is ON. Blinking rate: 1
⁄16, 1⁄32,1⁄64 or 1⁄128 × fVSYNC.
T3
(RED)
T2
(GREEN)
T1
(BLUE)
COLOUR
0
0
0
black
0
0
1
blue
0
1
0
green
0
1
1
cyan
100
red
1
0
1
magenta
1
1
0
yellow
1
1
1
white



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com