Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237394 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1237394
Description  SACC-DSI-FSD-4CON-L180 SCOX - Device connector, rear mounting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237394 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1237394 Datasheet HTML 1Page - PHOENIX CONTACT 1237394 Datasheet HTML 2Page - PHOENIX CONTACT 1237394 Datasheet HTML 3Page - PHOENIX CONTACT 1237394 Datasheet HTML 4Page - PHOENIX CONTACT 1237394 Datasheet HTML 5Page - PHOENIX CONTACT 1237394 Datasheet HTML 6Page - PHOENIX CONTACT 1237394 Datasheet HTML 7Page - PHOENIX CONTACT 1237394 Datasheet HTML 8Page - PHOENIX CONTACT 1237394 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Device connector, rear mounting, 4-position, Socket, straight, M12-SPEEDCON, coding: D, Rear
mounting, Pg9, Solder pins, Item is lead-free in accordance with RoHS II without Exemption 6c
(Pb < 0.1 %)
Your advantages
Easy PCB assembly: one-piece connectors for wave soldering
•
All standard pin assignments and codings for signal, data, and power transmission with a uniform design-in design
•
SPEEDCON fast locking system reduces cabling times
•
Commercial data
Item number
1237394
Packing unit
20 pc
Minimum order quantity
20 pc
Product key
ABQEHL
GTIN
4063151431822
Weight per piece (including packing)
13.635 g
Weight per piece (excluding packing)
13.362 g
Country of origin
DE
SACC-DSI-FSD-4CON-L180 SCOX - Device
connector, rear mounting
1237394
https://www.phoenixcontact.com/us/products/1237394
Feb 13, 2024, 7:02 AM
Page 1 (9)


Similar Part No. - 1237394

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1237390 PHOENIX-1237390 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-SH TOR 32X - Contact carrier
1237392 PHOENIX-1237392 Datasheet
753Kb / 17P
SACC-CI-M12FSD-4CON-L180-THRX - Contact carrier
1237395 PHOENIX-1237395 Datasheet
1Mb / 9P
SACC-DSI-FS-5CON-L180 SCOX - Device connector rear mounting
1237396 PHOENIX-1237396 Datasheet
1Mb / 16P
SACC-CI-M12FS-5CON-L180-THRX - Contact carrier
1237398 PHOENIX-1237398 Datasheet
194Kb / 5P
SACC-BP-F-M12/M15-7-THR SCOX - Housing screw connection
More results

Similar Description - 1237394

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1551529 PHOENIX-1551529 Datasheet
1Mb / 13P
Device connector, rear mounting - SACC-DSI-FSD- 4CON-PG9/0,5 SCO
Jan 11, 2023
1456019 PHOENIX-1456019 Datasheet
391Kb / 9P
SACC-DSI-M 8MS-4CON-L180 SH - Device connector, rear mounting
1456129 PHOENIX-1456129 Datasheet
429Kb / 9P
SACC-DSI-M8FS-4CON-M10-L180 SH - Device connector, rear mounting
1457869 PHOENIX-1457869 Datasheet
432Kb / 10P
SACC-DSI-FS-4CON-L180/SH RD - Device connector, rear mounting
1553462 PHOENIX-1553462 Datasheet
499Kb / 10P
SACC-DSI-FS-4CON-L180 SCO - Device connector, rear mounting
1425592 PHOENIX-1425592 Datasheet
347Kb / 9P
SACC-DSI-M12MSL4CON-M16XL-L180 - Device connector, rear mounting
1425593 PHOENIX-1425593 Datasheet
315Kb / 9P
SACC-DSI-M12FSL4CON-M16XL-L180 - Device connector, rear mounting
1027680 PHOENIX-1027680 Datasheet
203Kb / 6P
SACC-DSI-MSD-4CON-M16-L180 PP - Device connector, rear mounting
1240058 PHOENIX-1240058 Datasheet
472Kb / 11P
SACC-DSI-FSD-4CON-L180/12SCOSHX - Device connector, rear mounting
1239956 PHOENIX-1239956 Datasheet
620Kb / 9P
SACC-DSIV-FSD-4CON-L180 SCOTHRX - Device connector, rear mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com