Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1237394 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1237394
Description  SACC-DSI-FSD-4CON-L180 SCOX - Device connector, rear mounting
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1237394 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1237394 Datasheet HTML 1Page - PHOENIX CONTACT 1237394 Datasheet HTML 2Page - PHOENIX CONTACT 1237394 Datasheet HTML 3Page - PHOENIX CONTACT 1237394 Datasheet HTML 4Page - PHOENIX CONTACT 1237394 Datasheet HTML 5Page - PHOENIX CONTACT 1237394 Datasheet HTML 6Page - PHOENIX CONTACT 1237394 Datasheet HTML 7Page - PHOENIX CONTACT 1237394 Datasheet HTML 8Page - PHOENIX CONTACT 1237394 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Notes
General
The electrical and mechanical data specified assume that the
connector pair is correctly locked and mounted. If the connector
is unlocked and if there is a danger of contamination, the
connector must be sealed using a protective cap > IP54.
Influences arising from litz wires, cables or PCB assembly must
also be taken into consideration.
General
Lock nut is included in the scope of delivery
Mounting
Mounting type
Rear mounting Pg9 With locking nut
Assembly instructions
With locking nut
Connection method
Solder pins
Product properties
Product type
Circular connectors (device side)
Number of positions
4
Shielded
no
Coding
D
Thread type
M12
Insulation characteristics
Overvoltage category
II
Degree of pollution
3
Dimensions
6 mm
Length of the solder pin
6 mm
Material specifications
Flammability rating according to UL 94
V0
Seal material
NBR
Contact material
CuZn
Contact surface material
Au
Contact carrier material
PA 6.6
Material for screw connection
Zinc die-cast, nickel-plated
Electrical properties
Rated surge voltage
2.5 kV
Contact resistance
≤ 3 mΩ
Insulation resistance
≥ 100 MΩ
Nominal voltage UN
250 V
SACC-DSI-FSD-4CON-L180 SCOX - Device
connector, rear mounting
1237394
https://www.phoenixcontact.com/us/products/1237394
Feb 13, 2024, 7:02 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com