Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CMM5 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-CMM5
Description  CO2 Analyser PCE-CMM 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CMM5 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-CMM5 Datasheet HTML 1Page - PCE Instruments. PCE-CMM5 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measured variable CO2
 
Measuring range
400 ... 5000 ppm
Accuracy
± 75ppm or ±5 % of measured value (whichever is
greater)
Resolution
1ppm
Sensor type CO2
NDIR Sensor
 
 
Measured variable
temperature
 
Measuring range
-10 ... 50 °C
Accuracy
±1 °C
Resolution
1 °C
 
 
Measured variable air
humidity
Measuring range
20 ... 95 % r.H.
Accuracy
±4 % r.H.
Resolution
1 % r.H.
Sampling rate
1.5 s
 
 
Display
4.3" LC Display
Power supply
3.7 V Li-Ion battery 3000 mAh
 
5 V Micro-USB
Battery life
ca. 6 h
Charging time
ca. 2 h
Ambient conditions
-10 ... 50 °C / 20 ... 85 % r.H.
Dimensions
145 x 78 x 97.2 mm
Weight
210 g
 
 
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com