Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CMM5 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CMM5
Description  CO2 Analyser PCE-CMM 5
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CMM5 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CMM5 Datasheet HTML 1Page - PCE Instruments. PCE-CMM5 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CO2 Analyser PCE-CMM 5
CO2 analyser, temperature and humidity / traffic light function 5h progress display / battery and mains operation
The CO2 Analyseris a CO2 measuring device for desktop use. The carbon dioxide meter measures the CO2 content in the air and shows the
measured value on a large LC display. The CO2 content in the air is an important measure for checking the ventilation behaviour in offices,
classrooms, lecture halls, etc. The CO2 / carbon dioxide measuring device helps to ensure that, for example,  there is regular ventilation for
employees in the office. The CO2 / carbon dioxide measuring device checks indoor air quality via the CO2 content. If the CO2 concentration is
below 1000 ppm, the indoor air quality is optimal. Good indoor air quality helps to promote concentration. It is also ensured that the aerosol
concentration in the air is low, as the aerosols are repeatedly mixed with fresh air. The CO2 / carbon dioxide measuring device shows the air
quality as a numerical measured value and as a traffic light indicator. At the push of a button, the CO2 content of the last five hours can be
shown on the display. In addition to the CO2 measuring function, the CO2 / carbon dioxide measuring device is equipped with a sensor for
temperature and humidity.
The sensors for monitoring the air quality are subject to different requirements than those in industrial or scientific laboratory use. The focus is
therefore on sensor properties such as high long-term stability, low maintenance and low energy consumption. This is fulfilled by the indoor air
quality measuring device with its NDIR sensor. The non-dispersive infrared (NDIR) absorption measurement enables precise and long-term
stable measurements with an absolute measuring range of up to 5000 ppm.
large CO2 measuring range up to 5000 ppm
maintenance-free NDIR CO2 sensor
traffic light function for carbon dioxide
measures temperature and humidity
5 h graph for long-term monitoring
battery and mains operation
4.3" graphic display
date and time display


Similar Part No. - PCE-CMM5

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CMM10 PCE-PCE-CMM10 Datasheet
367Kb / 2P
CO2 Analyzer PCE-CMM 10
PCE-CMM8 PCE-PCE-CMM8 Datasheet
329Kb / 2P
CO2 Analyser PCE-CMM 8
PCE-CMM8-ICA PCE-PCE-CMM8-ICA Datasheet
388Kb / 2P
CO2 Analyser PCE-CMM 8-ICA incl. ISO Calibration Certificate
More results

Similar Description - PCE-CMM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MG811 ETC2-MG811 Datasheet
97Kb / 2P
CO2 Sensor
logo
Extech Instruments Corp...
AN100 EXTECH-AN100 Datasheet
239Kb / 9P
CFM/CMM Thermo Anemometer
CO250 EXTECH-CO250 Datasheet
209Kb / 10P
CO2 Meter
logo
Fuji Electric
EDS3-104C FUJI-EDS3-104C Datasheet
66Kb / 4P
INFRARED CO2 CONTROLLER
logo
Extech Instruments Corp...
45170CM EXTECH-45170CM Datasheet
506Kb / 1P
45170CM 5-in-1 Environmental Meter with CFM/CMM
logo
Weidmuller
2425500000 WEIDMULLER-2425500000 Datasheet
798Kb / 5P
ENERGY ANALYSER 550
2425510000 WEIDMULLER-2425510000 Datasheet
547Kb / 5P
ENERGY ANALYSER D550
2489780000 WEIDMULLER-2489780000 Datasheet
534Kb / 5P
ENERGY ANALYSER D550-24
2602580000 WEIDMULLER-2602580000 Datasheet
380Kb / 4P
ENERGY ANALYSER 550-24
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com