Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC1 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-DC1
Description  Current Clamp PCE-DC1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC1 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-DC1 Datasheet HTML 1Page - PCE Instruments. PCE-DC1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
AC current (50/60 Hz)
Sector / resolution / accuracy
200 A / 100-mA / ±3.0% + 8 digits
DC current
Sector / resolution / accuracy
200 A / 100-mA / ±2.8% + 8 digits
AC test voltage (without contact)
100 VAC ... 600 VAC 50 / 60 Hz
Frequency
Sector / resolution / accuracy
40 ... 50 Hz / 0.01 Hz / ±1.2% + 5 digits
51 ... 510 Hz / 0.1 Hz / ±1.2% + 3 digits
0.51 ... 1 kHz / 0.001 kHz / ±1.2% + 3 digits
Illumination of the measurement
area
white LEDs
Diameter of the conductor
Max. 18 mm / .7 in
Display
With white LEDs, backlit LCD with 3 2/3
positions
Power
2 AA batteries
Enclosure
PVC
Dimensions
155 x 66 x 31 mm / 6.1 x 2.6 x 1.2 in
Weight
155 g / < 1 lb
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com