Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-DC1 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-DC1
Description  Current Clamp PCE-DC1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-DC1 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-DC1 Datasheet HTML 1Page - PCE Instruments. PCE-DC1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Current Clamp PCE-DC1
Current Clamp for measuring AC current, AC voltage, DC current and frequency
(3 in 1) / Maximum aperture of clamps is 18 mm (.7 in)
The PCE-DC 1 Current Clamp has been designed to detect, indirectly, AC/DC current and frequency. The Current Clamp has one white LED
integrated to allow for the point of measurement to be illuminated, and a function to test the voltage without contact. The reduced dimensions
of this device allow for measurements to be taken in places with limited access. The backlit display ensures that it is easy to read, even in places
with limited light available, such as electrical cabinets or in cabling ducts. Testing voltage without contact helps when detecting dangerous
power lines, and it allows makes it easier to detect the location of cuts in power lines.
- LCD with 3 2/3 positions, backlit, clamp for continuous current
Measures AC/DC current, AC voltage and frequency
Memory function, zero reset for the DCA, test voltage without contact
Integrated flashlight
Automatic range selection
Auto shut-off
Aperture of the clamp: 18 mm / .7 in


Similar Part No. - PCE-DC1

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-DC1-ICA PCE-PCE-DC1-ICA Datasheet
873Kb / 2P
Digital Multimeter PCE-DC1-ICA Incl. ISO Calibration Certificate
More results

Similar Description - PCE-DC1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
TDK Electronics
CCT261631-30-06-00 TDK-CCT261631-30-06-00 Datasheet
158Kb / 2P
Clamp AC Current Sensors
CCT272440-80-10-00 TDK-CCT272440-80-10-00 Datasheet
162Kb / 2P
Clamp AC Current Sensors
CCT354571-300-24-02 TDK-CCT354571-300-24-02 Datasheet
146Kb / 2P
Clamp AC Current Sensors
CCT406393-600-36-00 TDK-CCT406393-600-36-00 Datasheet
147Kb / 2P
Clamp AC Current Sensors
logo
M-System Co.,Ltd.
ESCLSB MSYSTEM-ESCLSB Datasheet
100Kb / 3P
CLAMP-ON CURRENT SENSOR
CLSC MSYSTEM-CLSC Datasheet
83Kb / 2P
CLAMP-ON CURRENT SENSOR
logo
Pepperl+Fuchs Inc.
I400 PF-I400 Datasheet
420Kb / 1P
AC Current Clamp
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com