Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-LCT1 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-LCT1
Description  Technical Digital Multimeter PCE-LCT 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-LCT1 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-LCT1 Datasheet HTML 1Page - PCE Instruments. PCE-LCT1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage (AC V)
Measurement ranges
Resolution
Accuracy
50 / 60 Hz
400 Hz ... 1 kHz
400 V
1 V
± (1,5 % + 2 digits)
± (2 % + 4 digits)
Resistance
Measurement ranges
Resolution
Accuracy
Alarm
400 Ω
0,1 Ω
± (1 % + 2 digits)
Measurement value <38Ω
General Technical Specifications
Display
3 3/4
Measured electrical properties
AC V, AC A, resistance
Security standards
CAT III 300 V / CAT II 600 V
Diameter of the clip
30 mm
Input impedance
10 MΩ
Registration rate
2 Hz (numerical values), 20 Hz (bar graph)
Operating temperature
-10 ºC ... 50 ºC
Operating humidity
<85 % H.r.
Storing temperature
-20 ºC ... 60 ºC
Auto shut-off
after 30 minutes
Power
9 V battery
Input current
10 mA
Weight
200 g
Dimensions
210 x 62 x 35,6 mm
Delivery contents:
1 x PCE-LCT 1 Clamp Meter
1 x 9 V battery
2 x test cables
1 x carrying case
1 x user's manual



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com