Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-LCT1 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-LCT1
Description  Technical Digital Multimeter PCE-LCT 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-LCT1 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-LCT1 Datasheet HTML 1Page - PCE Instruments. PCE-LCT1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Digital Multimeter PCE-LCT 1
Digital Clamp Meter to test leakage current / RMS measurement /
continuity and resistance test / measures voltage up to 600 V
With the PCE-LCT 1 Clamp Meter it is possible to measure leakage currents up to a range of 100 A. PCE-LCT 1
Clamp Meter can measure leakage currents which appear when current flows through electrical conductors which are
not designed for conduction current. The PCE-LCT 1 Clamp Meter can detect leakage currents and show them on the
display. With the help of the PCE-LCT 1 Clamp Meter you can detect insulation failures in places where machines
cannot be disconnected, however insulation must be checked, as for instance according to the VDE 701/702 standard.
The PCE-LCT 1 Clamp Meter measures current flow, voltage up to 600 V, resistance and continuity. The PCE-LCT 1
is the ideal instrument for electricians according to the VDE standard. The PCE-LCT 1 has a compact design which
allows to be placed in any pocket. The rubber protection protects the instrument against falls, so it is the ideal
instrument to be used in electrical inspections and in workshops.
- Measures leakage current
- Measures current up to 100 A
- Measures voltage up to 600 V
- Continuity test
- Measures resistance up to 400 Ω
- Digital bar graph
- High resolution
- Max./min. values are viewed on the display
- Rubber protector
- Test cables are included
Technical Specifications
Leakage current and current (AC A)
Measurement ranges
Resolution
Accuracy
50 / 60 Hz
400 Hz ... 1 kHz
40 mA
10 µA
± (1 % + 0,5 mA)
± (4,5 % + 0,5 mA)
400 mA
100 µA
± (3 % + 5 mA)
± (3 % + 5 mA)
4 A
1 mA
± (4 % + 0,1 mA)
± (4 % + 0,1 A)
40 A
10 mA
± (4 % + 1 A)
± (4 % + 1 A)
80 A
10 mA
± (2,5 % + 1 A)
± (3 % + 1 A)
80 A - 100 A
100 mA
± (5 % + 1 A)
± (5 % + 1 A)


Similar Part No. - PCE-LCT1

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-LD1 PCE-PCE-LD1 Datasheet
138Kb / 2P
Leak Detector PCE-LD 1
PCE-LDC15 PCE-PCE-LDC15 Datasheet
604Kb / 2P
Gas Detector PCE-LDC 15
PCE-LDC8 PCE-PCE-LDC8 Datasheet
926Kb / 2P
Leak Detector PCE-LDC 8
PCE-LED20 PCE-PCE-LED20 Datasheet
40Kb / 2P
Technical Light Meter PCE-LED 20
PCE-LES100 PCE-PCE-LES100 Datasheet
836Kb / 2P
Tachometer PCE-LES 100
More results

Similar Description - PCE-LCT1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN15A EXTECH-MN15A Datasheet
321Kb / 12P
Mini Digital Multimeter
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
USB Modular Digital Multimeter
34401A KEYSIGHT-34401A Datasheet
863Kb / 6P
34401A Digital Multimeter
M9181A KEYSIGHT-M9181A Datasheet
251Kb / 8P
M9181A PXI Digital Multimeter
logo
Good Will Instrument Co...
GDM-8135 GWINSTEK-GDM-8135 Datasheet
571Kb / 1P
4 1/2 & 3 1/2 DIGITAL MULTIMETER
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
Digital Multimeter
logo
Good Will Instrument Co...
GDM-8034 GWINSTEK-GDM-8034 Datasheet
571Kb / 1P
3 1/2 DIGITAL MULTIMETER
logo
List of Unclassifed Man...
D35 ETC-D35 Datasheet
215Kb / 2P
Bluetooth Digital Multimeter
OW18D ETC-OW18D Datasheet
523Kb / 1P
Bluetooth Digital Multimeter
logo
UMC Corporation
UM7108 UMC-UM7108 Datasheet
526Kb / 20P
One Chip 3 1/2-Digit Digital Multimeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com