Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA0161DP Datasheet(PDF) 6 Page - STMicroelectronics

Part # TDA0161DP
Description  Proximity Detectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA0161DP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TDA0161DP Datasheet HTML 2Page - STMicroelectronics TDA0161DP Datasheet HTML 3Page - STMicroelectronics TDA0161DP Datasheet HTML 4Page - STMicroelectronics TDA0161DP Datasheet HTML 5Page - STMicroelectronics TDA0161DP Datasheet HTML 6Page - STMicroelectronics TDA0161DP Datasheet HTML 7Page - STMicroelectronics TDA0161DP Datasheet HTML 8Page - STMicroelectronics TDA0161DP Datasheet HTML 9Page - STMicroelectronics TDA0161DP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4 Typical Applications
TDA0161
6/12
4
Typical Applications
#) _.Ingot steel target
##).The above results are obtained with single wire coil. When using Litz wire instead of single wire, the parallel resistance of
the coil becomes higher and value of R1 may be increased, resulting in better sensitivity
Figure 3.
Application Interface Connection Diagram
Table 3.
Detection Range
Detection Range (#)
L1 (
µH)
C1 (pF)
fOSC (kHz)
R1 (k
Ω)
C2 (pF)
2mm
30 (1)
120
2650
6.8
47
5mm
300 (2)
470
425
27
470
10mm
2160 (3)
4700
50
27
3300
Table 4.
Coil Characteristics
Core
Coil Former
Wire (##)
Number of Turns
1
Cofelec 432 FP 9 x 5 SE
1/2 Car 091 - 2
THOMSON Fils et Câbles
Thomrex 14
(14 / 100mm)
40
2
Cofelec 432 FP 14 x 8 SE
1/2 Car 142 - 2
100
3
Cofelec 432 FP 26x 16 SE
1/2 Car 262 - 2
200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com