Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA0161DP Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA0161DP
Description  Proximity Detectors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA0161DP Datasheet(HTML) 4 Page - STMicroelectronics

  TDA0161DP Datasheet HTML 1Page - STMicroelectronics TDA0161DP Datasheet HTML 2Page - STMicroelectronics TDA0161DP Datasheet HTML 3Page - STMicroelectronics TDA0161DP Datasheet HTML 4Page - STMicroelectronics TDA0161DP Datasheet HTML 5Page - STMicroelectronics TDA0161DP Datasheet HTML 6Page - STMicroelectronics TDA0161DP Datasheet HTML 7Page - STMicroelectronics TDA0161DP Datasheet HTML 8Page - STMicroelectronics TDA0161DP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2 Electrical ratings
TDA0161
4/12
2
Electrical ratings
Table 1.
Absolute maximum ratings
2.1
Electrical characteristics
–40 < TA < +100°C, PTOT < 150mW, unless otherwise specified.
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
35
V
TJ
Operating Temperature Range
+150
°C
TSTG
Storage Temperature Range
–55 to 150
°C
Table 2.
Electrical Characteristcs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4
35
V
Reverse Voltage Limitation
ICC = –100mA
-1
V
ICC
Supply Current close target TA = +25
°C
+4V < VCC < +35V
810
12
mA
ICC
Supply Current remote
target
+4V < VCC < +35V
1
mA
Supply Current transition
time
C3 = 0
1
µs
C3
≠ 0
100 x C3
(nF)
µs
fOSC
Oscillator Tuning
Frequency
10
MHz
fO
Output Frequency
C3 = 0
0
10
kHz
∆ICC
Output Current Ripple
C3 = 0,
C2 (pF) > 150/fOSC(MHz)
20
µA
Rn
Negative Resistance on
Terminals A and E
4k
Ω < R1 < 50kΩ,
fOSC < 3MHz
0.9 R1
R1
1.1 R1
HYST
Hysteresis at Detection
Point
C2 (pF) > 150/fOSC(MHz)
0.5
5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com