Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-CLL1 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-CLL1
Description  Technical Data Logger PCE-CLL 1
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-CLL1 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-CLL1 Datasheet HTML 1Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PCE Americas Inc.
711 Commerce Way
Suite 8
Jupiter
FL-33458
USA
From outside US: +1
Tel: (561) 320-9162
Fax: (561) 320-9176
info@pce-americas.com
PCE Instruments UK Ltd.
Units 12/13
Southpoint Business Park
Ensign way
Hampshire / Southampton
United Kingdom, SO31 4RF
From outside UK: +44
Tel: (0) 2380 98703 0
Fax: (0) 2380 98703 9
info@pce-instruments.com
www.pce-instruments.com/english
www.pce-instruments.com
Technical Data Logger PCE-CLL 1
4-20 mA USB data logger to measure electricity / with USB interface /
additional battery operation / IP 67 protected / software DGraph incl.
The 4-20 mA USB data logger PCE-CLL 1 facilitates long-term measurements of electricity of 4 to 20 mA. The USB
data logger features an integrated USB interface and records up to 32,000 values. The USB data logger PCE-CLL 1
features only one key, which guarantees a simple navigation. Since the USB data logger can be either powered by
3.6 V AA batteries or by charging it with an adapter via a computer, a flexible application range opens up. Thresholds
can be set on the USB data logger, and the device features LED warning lights. Thus accurate measuring results can
be assured. Even when the batteries are discharged, the saved data does not get lost. Furthermore there is the
option to set a password at the USB data logger to protect the data from unauthorized access.
The USB data logger PCE-CLL 1 comes with analysis software DGraph, which allows transfer of the measured data
straight to a computer via USB. With the software you can then process the data, generate a graph, analyze it further,
save or print the data.
- 4-20 mA measurement range
- LED warning lights
- Adjustable threshold
- Password protection
- Simple navigation
- Battery or adapter operation via USB
- Software incl.
- Internal data storage for up to 32,000 values
Technical Specifications of the USB Data Logger
Measurement range
4 ... 20 mA
Accuracy
± 1 % ± 1 digit
Resolution
0.05 mA
LCD
yes
Storage capacity
64 Kbytes (32,000 values)
Sampling rate
between 1/s and every 12 hours adjustable
Computer software
DGraph and USB driver (included in delivery)
Power Source
Battery or USB
Battery life time
Approx. 3 years with sampling rate of 1/min
Enclosure
ABS, TPU, PC
Surrounding Temperature
-35 ... +80 °C
Dimensions
120 x 35 x 30 mm
Weight
approx. 80 g
Delivery Content of the USB Data Logger PCE-CLL 1:
1 x USB Data Logger PCE-CLL 1, 1 x instruction manual, 1 x software, 1 x 3.6 V AA battery


Similar Part No. - PCE-CLL1

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-CL20 PCE-PCE-CL20 Datasheet
39Kb / 2P
Technical Cable Locator PCE-CL 20
PCE-CLT10 PCE-PCE-CLT10 Datasheet
281Kb / 2P
Electrical Tester PCE-CLT 10
More results

Similar Description - PCE-CLL1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
34832A HP-34832A Datasheet
331Kb / 4P
BenchLink Data Logger Pro
34830A HP-34830A Datasheet
330Kb / 4P
BenchLink Data Logger Pro
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
THERMOCOUPLE DATA LOGGER
logo
TT Electronics.
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
Universal Data Logger
logo
Schneider Electric
EBX210 SCHNEIDER-EBX210 Datasheet
95Kb / 2P
ComX 210 - data logger - UL
May 21, 2020
logo
PCE Instruments.
PCE-430 PCE-PCE-430 Datasheet
678Kb / 3P
Sound Level Data Logger PCE-430
logo
Pico Technology Ltd.
CM3 PICO-CM3 Datasheet
6Mb / 9P
Current data logger
logo
Vaisala
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
DL1700 Thermocouple Data Logger
QML201C VAISALA-QML201C Datasheet
420Kb / 2P
Data Logger QML201C
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com