Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HTD125 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HTD125
Description  Thermometer PCE-HTD 125
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HTD125 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HTD125 Datasheet HTML 1Page - PCE Instruments. PCE-HTD125 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
-40 ... 125 °C  / -40 ... 257 °F
Measuring accuracy ±0.2 °C (0 … +65 °C / 32 ... 149 °F)
Resolution
0.1 °C
Storage capacity
32,000 values
Sampling interval
1 s … 24 h
Storage formats
TXT, CSV, XLS, JPG, BMP
Start mode
timed or immediate
Stop modes
when a USB connection has been established,
 
as soon as the memory is full, as soon as the set
 
number of memory points has been reached
Operating conditions   -40 … +125 °C / -40 ... 257 °F, non-condensing
Storage conditions
-40 … +85 °C / -40 ... 185 °F (without battery)
Power supply
3.6 V 2/3 AA high temperature battery
 
interchangeable (ER14335S)
Protection class
IP67
Dimensions
Ø 18 mm + 115 mm / Ø 7" + 45"
Weight
ca. 95 g  / 3.3 oz (without battery)
More information
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com