Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HTD125 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-HTD125
Description  Thermometer PCE-HTD 125
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HTD125 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-HTD125 Datasheet HTML 1Page - PCE Instruments. PCE-HTD125 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thermometer PCE-HTD 125
Thermometer with analysis software / Data storage for 32,000 measured values /
Measuring range up to +125 °C (257 °F) / Waterproof metal housing / USB connection /
Export of measurement data in various file formats / Replaceable battery
The thermometer is an independent measuring device for determining temperatures between -40 … 125 °C. The thermometer is therefore
particularly suitable for monitoring particularly hot environments. The thermometer is used, for example, to monitor autoclaves. With the large
data memory of 32,000 measured values, the thermometer stores a temperature history. Thanks to the metal housing and its IP67 protection
class, the thermometer can also be used under a wide variety of conditions.
In order to evaluate the saved measured values, the thermometer generates a PDF file in addition to the series of measurements. The digital
thermometer itself is recognized by a computer as a mass data storage device, which means that the PDF can be transferred directly from any
computer. This has the advantage that reading out the measurement data is independent of the operating system. Further analyzes of the
measurement data or settings of the thermometer can be carried out using the software supplied. In order to process the measurement data
further, the measurement values can be exported via the software as TXT, CSV or in XLS data format. It is also possible to export the graphic as
JPG and BMP.
Robust metal housing with IP67
For temperatures between -40 ... +125 °C / -40 ... 257 °F
Exchangeable battery
USB data logger for 32,000 measured values
Data export directly as PDF
Software included in delivery


Similar Part No. - PCE-HTD125

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-HT PCE-PCE-HT Datasheet
305Kb / 2P
Hygrometer PCE-HT 420IoT
PCE-HT-225A PCE-PCE-HT-225A Datasheet
294Kb / 2P
Durometer PCE-HT-225A
PCE-HT-450 PCE-PCE-HT-450 Datasheet
330Kb / 2P
Durometer PCE-HT-450
PCE-HT-75 PCE-PCE-HT-75 Datasheet
290Kb / 2P
Durometer PCE-HT-75
PCE-HT110 PCE-PCE-HT110 Datasheet
1Mb / 2P
Air Humidity Meter
More results

Similar Description - PCE-HTD125

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46RB50 HOLTEK-HT46RB50 Datasheet
256Kb / 3P
Thermometer
logo
Extech Instruments Corp...
RH101 EXTECH-RH101 Datasheet
155Kb / 8P
Hygro-Thermometer InfraRed Thermometer
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
logo
Extech Instruments Corp...
RH101 EXTECH-RH101_15 Datasheet
281Kb / 1P
Hygro-Thermometer InfraRed Thermometer
logo
SHENZHEN FUMAN ELECTRON...
SC8492E FUMAN-SC8492E Datasheet
412Kb / 11P
thermometer
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com