Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPU04PBF Datasheet(PDF) 4 Page - International Rectifier

Part # 30CPU04PBF
Description  ULTRAFAST RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPU04PBF Datasheet(HTML) 4 Page - International Rectifier

  30CPU04PBF Datasheet HTML 1Page - International Rectifier 30CPU04PBF Datasheet HTML 2Page - International Rectifier 30CPU04PBF Datasheet HTML 3Page - International Rectifier 30CPU04PBF Datasheet HTML 4Page - International Rectifier 30CPU04PBF Datasheet HTML 5Page - International Rectifier 30CPU04PBF Datasheet HTML 6Page - International Rectifier 30CPU04PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
30CPU04PbF
Bulletin PD-20674 04/04
4
www.irf.com
(3) Formula used: T
C = TJ - (Pd + PdREV) x RthJC ;
Pd = Forward Power Loss = I
F(AV) x VFM @ (IF(AV) / D) (see Fig. 6);
Pd
REV = Inverse Power Loss = VR1 x IR (1 - D); IR @ VR1 = rated VR
Fig. 5 - Max. Allowable Case Temperature
Vs. Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Average Forward Current - IF
(AV)(A)
Average Forward Current - IF
(AV)(A)
Fig. 8 - Typical Stored Charge vs. di F /dt
Fig. 7 - Typical Reverse Recovery vs. di F /dt
di F/dt (A/µs )
di F /dt (A/µs )
130
140
150
160
170
180
0
5
10
15
20
25
DC
Square wave (D = 0.50)
Rated Vr applied
see note (3)
0
5
10
15
20
25
0
5
10
15
20
25
DC
RMS Limit
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
10
20
30
40
50
60
70
80
90
100
100
1000
If = 30A
If = 16A
If = 8A
Vr = 200V
Tj = 125˚C
Tj = 25˚C
10
100
1000
100
1000
If = 30A
If = 16A
If = 8A
Vr = 200V
Tj = 125˚C
Tj = 25˚C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com