Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

30CPU04PBF Datasheet(PDF) 1 Page - International Rectifier

Part # 30CPU04PBF
Description  ULTRAFAST RECTIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30CPU04PBF Datasheet(HTML) 1 Page - International Rectifier

  30CPU04PBF Datasheet HTML 1Page - International Rectifier 30CPU04PBF Datasheet HTML 2Page - International Rectifier 30CPU04PBF Datasheet HTML 3Page - International Rectifier 30CPU04PBF Datasheet HTML 4Page - International Rectifier 30CPU04PBF Datasheet HTML 5Page - International Rectifier 30CPU04PBF Datasheet HTML 6Page - International Rectifier 30CPU04PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Case Styles
30CPU04PbF
TO247AC
30CPU04PbF
Bulletin PD-20674 04/04
trr = 60ns
IF(AV) = 30Amp
VR = 400V
• Ultrafast Recovery Time
• Low Forward Voltage Drop
• Low Leakage Current
• 175°C Operating Junction Temperature
• Lead-Free
Features
Description/ Applications
International Rectifier's FRED.. series are the state of the art Ultra fast recovery rectifiers specifically designed with
optimized performance of forward voltage drop and ultra fast recovery time.
The planar structure and the platinum doped life time control, guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in the output rectification stage of SMPS, UPS, DC-DC converters as well as
free-wheeling diode in low voltage inverters and chopper motor drives.
Their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
Absolute Maximum Ratings
VRRM
Peak Repetitive Peak Reverse Voltage
400
V
IF(AV)
Average Rectified Forward Current
Per Leg
15
A
Total Device (Rated VR ), TC = 149°C
Total Device
30
IFSM
Non Repetitive Peak Surge Current, @ 25°C
Per Leg
200
IFRM
Peak Repetitive Forward Current
Per Leg
30
(Rated VR , Square wave, 20 KHz), TC = 149°C
TJ, TSTG
Operating Junction and Storage Temperatures
- 65 to 175
°C
Parameters
Max
Units
Base
Common
Cathode
Anode
Anode
Common
Cathode
13
2
1
2
2
www.irf.com
ULTRAFAST RECTIFIER


Similar Part No. - 30CPU04PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CPU04PBF VISHAY-30CPU04PBF Datasheet
122Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
21-Jul-08
30CPU04PBF VISHAY-30CPU04PBF Datasheet
158Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt
17-Feb-11
30CPU04PBF VISHAY-30CPU04PBF_11 Datasheet
158Kb / 8P
Ultrafast Rectifier, 2 x 15 A FRED Pt
17-Feb-11
More results

Similar Description - 30CPU04PBF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSARW80G20A MICROSEMI-MSARW80G20A Datasheet
68Kb / 2P
ULTRAFAST RECTIFIER
logo
International Rectifier
30EPH03 IRF-30EPH03 Datasheet
175Kb / 7P
Ultrafast Rectifier
70CRU04 IRF-70CRU04 Datasheet
111Kb / 6P
Ultrafast Rectifier
logo
Microsemi Corporation
1N6705 MICROSEMI-1N6705 Datasheet
57Kb / 2P
ULTRAFAST RECTIFIER
logo
Inchange Semiconductor ...
YG975C6R ISC-YG975C6R Datasheet
304Kb / 2P
Ultrafast Rectifier
YG985C4R ISC-YG985C4R Datasheet
304Kb / 2P
Ultrafast Rectifier
DPG60I300HA ISC-DPG60I300HA Datasheet
274Kb / 1P
Ultrafast Rectifier
BY239-800 ISC-BY239-800 Datasheet
305Kb / 2P
Ultrafast Rectifier
MUR3040FCT ISC-MUR3040FCT Datasheet
276Kb / 2P
Ultrafast Rectifier
FDRW35S60L ISC-FDRW35S60L Datasheet
216Kb / 1P
Ultrafast Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com