Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP1201PBF Datasheet(PDF) 13 Page - International Rectifier

Part # IP1201PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1201PBF Datasheet(HTML) 13 Page - International Rectifier

Back Button IP1201PBF Datasheet HTML 9Page - International Rectifier IP1201PBF Datasheet HTML 10Page - International Rectifier IP1201PBF Datasheet HTML 11Page - International Rectifier IP1201PBF Datasheet HTML 12Page - International Rectifier IP1201PBF Datasheet HTML 13Page - International Rectifier IP1201PBF Datasheet HTML 14Page - International Rectifier IP1201PBF Datasheet HTML 15Page - International Rectifier IP1201PBF Datasheet HTML 16Page - International Rectifier IP1201PBF Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
www.irf.com
13
iP1201PbF
iP1201PbF User’s Design Guidelines
The iP1201PbF can be configured as a dual channel
15A or parallel single 30A power block consisting of
optimized power semiconductors, PWM control and
its associated passive components. It is based on a
synchronous buck topology and offers an optimized
solution where space, efficiency and noise caused by
parasitics are of concern. The phase shifted, two out-
put power block operates with fixed frequency voltage
mode control and can be configured to operate as a
dual output or paralleled single output with current shar-
ing. The iP1201PbF components are integrated in a
ball grid array (BGA) package.
V
IN
The input operating voltage range of the iP1201PbF is
3.14V to 5.5V. Both channels of the power block have a
common input.
For applications where the input bus voltage is less
than 3.5V, A and B pins should be shorted. For input
voltages greater than 3.5V, A and B pins should be
disconnected and floating. Voltages at A and B pins
are internally generated, no external voltage source
should be connected to either one of these pins. A
Power-On-Reset is performed when V
IN falls below
2.5V.
Enabling the Outputs
The ENABLE pin turns on and turns off both outputs
of the iP1201PbF simultaneously. The iP1201PbF out-
puts will be turned off by pulling the ENABLE pin to V
IN.
ENABLE low will start the outputs. The converter can
also be shutdown by pulling the soft-start pins to
PGND through a logic level MOSFET the drain of
which connects to the soft start pin (see Fig.14).
This feature can be useful if sequencing or different
start-up timing of the outputs are required. In situa-
tions where the output has undergone a latched shut-
down due to overvoltage or overcurrent, cycling
ENABLE will reset the outputs. Cycling soft start pins
will not unlatch the outputs.
Dual Soft Start
The Soft Start function provides a controlled rise of
the output voltage, thus limiting the inrush current
during start-up. The iP1201PbF provides two indepen-
dent soft start functions. The soft start pins can be
connected to the soft start capacitors to provide
Fig. 14: Soft Start/Enable Circuit
different start-up and sequencing profiles.
Each soft start function has an internal 25uA +/-20%
current source that charges the external soft start
capacitor C
ss up to 3V. During power-up, the output
voltage starts ramping up only after the charging
voltage across the C
ss capacitor has reached a
0.8Vtyp threshold, as shown in Fig. 15.
Fig. 15: Power Up Threshold
This threshold voltage should be taken into consid-
eration when designing sequencing profiles using
the iP1201PbF as it will effect start-up delays and ramp-
times.
To ensure complete discharge of the soft start ca-
pacitor C
ss, it is recommended to add a 1MΩ resis-
tor directly across C
ss.
For proper implementation of sequencing of out-
puts using the iP1201PbF, refer to IR Application Note
AN-1053 - Power sequencing techniques using
iP1201 and iP1202.
3V
0.8Vtyp
VCss
VOUT
Css
Iss
iP1201
SS1/SS2
10
iP1201PbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com