Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB8517 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCB8517
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCB8517 Datasheet HTML 13Page - NXP Semiconductors PCB8517 Datasheet HTML 14Page - NXP Semiconductors PCB8517 Datasheet HTML 15Page - NXP Semiconductors PCB8517 Datasheet HTML 16Page - NXP Semiconductors PCB8517 Datasheet HTML 17Page - NXP Semiconductors PCB8517 Datasheet HTML 18Page - NXP Semiconductors PCB8517 Datasheet HTML 19Page - NXP Semiconductors PCB8517 Datasheet HTML 20Page - NXP Semiconductors PCB8517 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
1997 Mar 03
17
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
LIMITING VALUES
In accordance with the absolute Maximum Rating System (IEC 134).
DC CHARACTERISTICS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDDX
digital supply voltage
−0.3
+7.0
V
Vi
input voltage (all inputs)
−0.3
VDDX + 0.3 V
Tstg
storage temperature
−55
+125
°C
Tamb
operating ambient temperature
0
70
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply
VDDX
digital supply voltage
4.75
5.0
5.25
V
IDDX
digital supply current
VI =VDDX;
no load on outputs
−−
25
mA
Inputs
VIH
HIGH level input voltage
2.0
−
VDDX + 0.3 V
VIL
LOW level input voltage
VSSX − 0.3 −
0.8
V
Outputs
IOH(source)
HIGH level output current (source)
VO ≥ VDDX − 0.8
5.0
−−
mA
IOL(sink)
LOW level output current (sink)
VO ≤ 0.5
5.0
−−
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com