Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCB8517 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCB8517
Description  Stand-alone OSD for monitor applications
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCB8517 Datasheet(HTML) 4 Page - NXP Semiconductors

  PCB8517 Datasheet HTML 1Page - NXP Semiconductors PCB8517 Datasheet HTML 2Page - NXP Semiconductors PCB8517 Datasheet HTML 3Page - NXP Semiconductors PCB8517 Datasheet HTML 4Page - NXP Semiconductors PCB8517 Datasheet HTML 5Page - NXP Semiconductors PCB8517 Datasheet HTML 6Page - NXP Semiconductors PCB8517 Datasheet HTML 7Page - NXP Semiconductors PCB8517 Datasheet HTML 8Page - NXP Semiconductors PCB8517 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
1997 Mar 03
4
Philips Semiconductors
Objective specification
Stand-alone OSD for monitor applications
PCB8517
PINNING
SYMBOL
PIN
DESCRIPTION
VSSA
1
analog ground
VCO
2
DC control voltage input/output to regulate the internal PLL oscillator frequency; a low-pass filter
circuit is connected to this pin
BIAS
3
bias input/output to regulate the bias current of internal current control oscillator to resonate at a
specific dot frequency
VDDA
4
analog power supply
HFLB
5
horizontal sync input signal from flyback circuit with negative polarity
EN
6
active LOW input to enable serial interface
SDI
7
data input of serial interface
SCK
8
clock input of serial interface
VDDD
9
digital power supply
VFLB
10
vertical sync input signal from flyback circuit with negative polarity
HTONE
11
half tone control which outputs a logic 1 during windowing except characters are displayed; it is
used to lower the external RED, GREEN and BLUE amplifier gain to achieve a transparent
windowing effect
FB
12
fast blanking output of OSD; active HIGH and high impedance when OSD is disabled
BLUE
13
blue colour output of OSD; active HIGH and high impedance when OSD is disabled
GREEN
14
green colour output of OSD; active HIGH and high impedance when OSD is disabled
RED
15
red colour output of OSD; active HIGH and high impedance when OSD is disabled
VSSD
16
digital ground
Fig.2 Pin configuration.
handbook, halfpage
PCB8517
MGD760
1
2
3
4
5
6
7
8
VSSA
VCO
BIAS
VDDA
HFLB
EN
SDI
SCK
VSSD
RED
GREEN
BLUE
FB
HTONE
VFLB
VDDD
16
15
14
13
12
11
10
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com