Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-LD1 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-LD1
Description  Leak Detector PCE-LD 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-LD1 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-LD1 Datasheet HTML 1Page - PCE Instruments. PCE-LD1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Sensitivity
Adjustable high / low (per SAE J1627 rating criteria):
6 g/yr or 30 g/yr for R-22 and R-134a
8 g/yr or 40 g/yr for R404A, R-407C and R-410A
Warm-up time Approx. 90 seconds
Gases detected
CFC / HFC refrigerants including R-134a, R-404A, Freon R-407C, R-
410A and R-22
Per standard
EN 14624
Test cycle
Continuous
Sensor tube
length
Approx. 390 mm / 15.35 in
Power supply  4 xAA batteries
Battery life
Approx. 40 hours of normal use
Auto shut-off  After 10 minutes of inactivity
Dimensions
6.8 x 2.6 x 2.2 in / 173 x 66 x 56 mm 
Weight
< 1 lb / 400 g
See user manual for complete technical specifications.
More information
Manual
Video
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com