Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-LD1 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-LD1
Description  Leak Detector PCE-LD 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-LD1 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-LD1 Datasheet HTML 1Page - PCE Instruments. PCE-LD1 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Leak Detector PCE-LD 1
PCE-LD 1 Leak Detector
Accurate, affordable handheld CFC / HFC refrigerant gas leak locator
PCE-LD 1 is a portable handheld leak detector used to locate CFC/HFC refrigerant gas leaks. This highly sensitive leak detector can locate gas
leaks from HVACR refrigeration systems even in areas contaminated by other gases. The gas sensor is located at the end of a 390 mm / 15.35 in
flexible goose-neck tube, allowing unique access to hard-to-reach places.
Detects R-134a, R-404A, Freon R-407C, R-410A and R-22 (per EN 14624)
High / low sensitivity per SAE J1627 rating criteria
Audible and visual alarms
Easy to use
Tricolor LED indicator shows concentration of gas
Sensor life: Approx. 1 year - see accessories for replacement


Similar Part No. - PCE-LD1

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-LDC15 PCE-PCE-LDC15 Datasheet
604Kb / 2P
Gas Detector PCE-LDC 15
PCE-LDC8 PCE-PCE-LDC8 Datasheet
926Kb / 2P
Leak Detector PCE-LDC 8
More results

Similar Description - PCE-LD1

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
CO52 EXTECH-CO52 Datasheet
235Kb / 2P
Gas Leak Detector
FG100 EXTECH-FG100 Datasheet
52Kb / 1P
Gas Leak Detector
logo
Agilent(Hewlett-Packard...
HLDBD30 HP-HLDBD30 Datasheet
643Kb / 2P
Bench Dry Helium Leak Detector
HLDBR30 HP-HLDBR30 Datasheet
609Kb / 2P
Bench Helium Leak Detector
HLDMD15 HP-HLDMD15 Datasheet
214Kb / 2P
Mobile Dry Helium Leak Detector
HLDMR15 HP-HLDMR15 Datasheet
214Kb / 2P
Mobile Helium Leak Detector
HLDPR02 HP-HLDPR02 Datasheet
197Kb / 2P
Portable Helium Leak Detector
logo
Testo SE & Co. KGaA
TESTO317-2 TESTO-TESTO317-2 Datasheet
142Kb / 2P
Gas-Leak Detector
logo
Littelfuse
201-100-SLD LITTELFUSE-201-100-SLD Datasheet
567Kb / 1P
Single-Channel Seal-Leak Detector
2016 Rev: 1-A-062816
PC-102 LITTELFUSE-PC-102 Datasheet
244Kb / 1P
Dual Seal-Leak Detector or Seal-Leak & Over-Temperature Detector
2016 Rev: 1-A-072916
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com