Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT-75 Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT-75
Description  Durometer PCE-HT-75
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT-75 Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT-75 Datasheet HTML 1Page - PCE Instruments. PCE-HT-75 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Spring stretch
75 ± 0.3 mm / 3 ± .01 in
Measuring range
10 ... 70 N/mm²
Energy
0.735 J
Indication of measurement 0 to 100 (without dimensions)
Scale for the resistance to
pressure at the back   
To convert values indicated without dimensions to
kg/cm² (with introduction of angle)
Correction table for
measurements
In the user's manual
Dimensions
Diameter 54 x 268 mm / 2.1 x 10.5 in
Weight
1 kg / 2.2 lbs
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com