Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT-75 Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-HT-75
Description  Durometer PCE-HT-75
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT-75 Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-HT-75 Datasheet HTML 1Page - PCE Instruments. PCE-HT-75 Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Durometer PCE-HT-75
Handheld mechanical durometer for testing low impact concrete
The PCE-HT-75 durometer for concrete is easy to use and is fundamentally used in the construction industry as well as other industrial sectors
(testing for Wickel hardness of rolls in commodities). This durometer in the form of a hammer device for testing concrete is based on the Swiss
principle of measurement. Testing is always done under the same test energy of 0.735 J. The kinetic energy of the rebound is given by the
device as the measurement of the hardness of concrete, of the pressure upon the surface or as the resistance to pressure (kg/cm² or its
conversion to N/mm²).
The quality of concrete is useful in understanding the material's resistance to pressure, as an orientating value for testing the load capacity and
durability of concrete constructions. Resistance to pressure is represented as a series of numbers and letters, for example: B 25 indicates that
the material is normal concrete with a resistance to a pressure equal to 25 N/mm². Different readings exist up to the highest class of resistance
which is indicated as B 55. With our durometer you will be able to easily and accurately classify concrete. The durometer comes calibrated from
the manufacturer but an ISO calibration certificate can be ordered separately at extra cost.
- Solid design
- Special check body for almost infinite concrete tests
- Very easy to use
- Conversion table no the back
- Measurement adjustments listed in the user's manual
- Optional ISO calibration ceritificate
General information about concrete's resistance to pressure
Resistance to pressure is generally defined as the measurement of resistance to breaking under a particular pressure load at an axis during a
brief point in time. The resistance to pressure of concrete is determined, taking into account the following parameters:
- Resistance of a block of cement
- Composition and compactness of concrete
- Time and conditions of storage
- Dimensions and form of element being tested
- Type and duration of load
Resistance to pressure is normally determined in laboratories using cubes or cylinders of concrete. If using cylinders, once the concrete sample
has been chosen, it is recommended that a surface is immediately prepared that is flat and smooth. Cylinders are very durable. In places where
it's not possible to take measurements with methods used in laboratories, a Hardness tester, with an easy to use hammer, is used. 
 


Similar Part No. - PCE-HT-75

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-HT-225A PCE-PCE-HT-225A Datasheet
294Kb / 2P
Durometer PCE-HT-225A
PCE-HT-450 PCE-PCE-HT-450 Datasheet
330Kb / 2P
Durometer PCE-HT-450
More results

Similar Description - PCE-HT-75

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1419125-0 MACOM-2-1419125-0 Datasheet
117Kb / 2P
PCE-112D1M,000 CUSTMER DRAWING
2-1419125-3 MACOM-2-1419125-3 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
2-1419146-0 MACOM-2-1419146-0 Datasheet
167Kb / 2P
PCE-1**D2H,000 CUSTOMER DRAWING
logo
List of Unclassifed Man...
PCE-BSK1100 ETC-PCE-BSK1100 Datasheet
321Kb / 2P
Compact Balance PCE-BSK 1100
logo
PCE Instruments.
PCE-VT3700 PCE-PCE-VT3700 Datasheet
380Kb / 2P
Accelerometer PCE-VT 3700
PCE-CT5000H PCE-PCE-CT5000H Datasheet
368Kb / 2P
Thickness Gauge PCE-CT 5000H
PCE-GM60P PCE-PCE-GM60P Datasheet
310Kb / 2P
Gloss Meter PCE-GM 60Plus
PCE-MFM2400 PCE-PCE-MFM2400 Datasheet
331Kb / 2P
Magnetometer PCE-MFM 2400
PCE-PA8000 PCE-PCE-PA8000 Datasheet
528Kb / 2P
Power Analyzer PCE-PA 8000
PCE-PQC PCE-PCE-PQC Datasheet
340Kb / 2P
Particle Counter PCE-PQC 10US Incl. Calibration
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com