Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT224E Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-HT224E
Description  Hardness Tester PCE-HT 224E with Digital Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT224E Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-HT224E Datasheet HTML 1Page - PCE Instruments. PCE-HT224E Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
10 ... 60 N/mm² / 1500 ... 8500 PSI or lbs/in²
Accuracy
± 0.1 R
Display
OLED
Nominal kinetic energy
2.207 Nm, 0.225 kgm
Interface
Bluetooth, micro USB
Storage
1,000 data units with 256 measurements each
Operating conditions
-40 ... 60°C / -40 ... 140°F
Power supply
3.7V Li-ion battery
Power supply (power supply)          Primary: 100 ... 240V AC, 50/60 Hz
 
Secondary: 5V DC, 1 A
Dimensions
280 x 75 x 60 mm / 11 x 3 x 2.4 in
Weight
About 1.2 kg / 2.6 lbs
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com