Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCE-HT224E Datasheet(PDF) 1 Page - PCE Instruments.

Part # PCE-HT224E
Description  Hardness Tester PCE-HT 224E with Digital Display
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-HT224E Datasheet(HTML) 1 Page - PCE Instruments.

  PCE-HT224E Datasheet HTML 1Page - PCE Instruments. PCE-HT224E Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hardness Tester PCE-HT 224E with Digital Display
Hardness Tester PCE-HT 224E with Digital Display
Mechanical concrete hardness tester with OLED / Measuring range 10 ... 60 N/mm² (1500 ... 8500 PSI or lbs/in²) / Data storage analysis software
/ Built-in battery for mobile use / Test load 2.207 J / For measuring the quality of concrete surfaces
The Hardness Tester is a measuring tool for testing the strength of concrete. The Hardness Tester measures strength according to the Schmidt
principle. According to this measurement method, the quality of concrete can be measured with the Hardness Tester. Thus, the Hardness Tester
finds its essential application in the construction and in the construction sector. The Hardess Tester is also suitable for measuring the hardness
of rolled paper.  The built-in mechanism on the hardness tester always ensures the same impact energy of 2.207 Nm. 
In addition to testing concrete, the Hardness Tester can also store measured data. The stored measurement data can be transferred from the
Hardness Tester to a PC after a measurement run. For this, the mini-USB interface is available on the Hardness Tester. The evaluation of the
measurements from the hardness tester is carried out with the supplied PC software. 
The Hardness Tester displays measurements Rebound Value and can display force in PSI, MPa, kgF/cm², or N/mm². The Hardness Tester can be
setup to measure at test angles of downward(-90°), downward(-45°), horizontal (0°), upward(45°), or upward(90°). 
OLED for reading the measured values
USB interface for connection to a PC
Measuring range 10 ... 60 N/mm², 1500 ... 8500 PSI or lbs/in² 
Measurement of the hardness of concrete
Data storage for later analysis
Rechargeable battery for mobile use


Similar Part No. - PCE-HT224E

ManufacturerPart #DatasheetDescription
logo
PCE Instruments.
PCE-HT225A PCE-PCE-HT225A Datasheet
294Kb / 2P
Durometer PCE-HT-225A
PCE-HT225E PCE-PCE-HT225E Datasheet
488Kb / 2P
Hardness Tester PCE-HT 225E
More results

Similar Description - PCE-HT224E

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
380375 EXTECH-380375 Datasheet
200Kb / 8P
Digital High Voltage Insulation Tester
logo
Agilent(Hewlett-Packard...
U8101A HP-U8101A Datasheet
458Kb / 14P
Display Tester
logo
Extech Instruments Corp...
MG500 EXTECH-MG500 Datasheet
616Kb / 1P
MG500 Digital High Voltage Insulation Tester
VT30 EXTECH-VT30_15 Datasheet
274Kb / 1P
Digital Voltage Tester with Bargraph
380363 EXTECH-380363_15 Datasheet
205Kb / 1P
Digital Insulation Tester
380395 EXTECH-380395 Datasheet
185Kb / 1P
Digital High Voltage Insulation Tester
380396 EXTECH-380396 Datasheet
185Kb / 1P
Digital High Voltage Insulation Tester
logo
Mallory performance clu...
PN8998 MALLORY-PN8998 Datasheet
872Kb / 8P
MSD Digital Ignition Tester
logo
Good Will Instrument Co...
GUT-6000B GWINSTEK-GUT-6000B Datasheet
680Kb / 1P
Digital IC Tester
logo
Qingdao Hantek Electron...
HT360 HANTEK-HT360 Datasheet
1Mb / 46P
Leeb Hardness Tester
2022.12
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com