Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3312CT Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCD3312CT
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3312CT Datasheet(HTML) 5 Page - NXP Semiconductors

  PCD3312CT Datasheet HTML 1Page - NXP Semiconductors PCD3312CT Datasheet HTML 2Page - NXP Semiconductors PCD3312CT Datasheet HTML 3Page - NXP Semiconductors PCD3312CT Datasheet HTML 4Page - NXP Semiconductors PCD3312CT Datasheet HTML 5Page - NXP Semiconductors PCD3312CT Datasheet HTML 6Page - NXP Semiconductors PCD3312CT Datasheet HTML 7Page - NXP Semiconductors PCD3312CT Datasheet HTML 8Page - NXP Semiconductors PCD3312CT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
1996 Nov 21
5
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
6.3
Pinning PCD3311CT
handbook, halfpage
PCD3311CT
MGG509
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
OSCI
OSCO
MODE
D5
n.c.
STROBE
TONE
A0
D0/SCL
D1/SDA
D2
D3
n.c.
D4
VSS
VDD
Fig.3 Pin configuration PCD3311CT.
6.4
Pin description PCD3311CT
SYMBOL
PIN
TYPE
DESCRIPTION
OSCI
1
I
oscillator input
OSCO
2
O
oscillator output
MODE
3
I
mode select input (selects
I2C or parallel data input)
D5
4
I
parallel data input
n.c.
5
−
not connected
STROBE
6
I
strobe input (for loading
data in parallel mode)
TONE
7
O
frequency output (DTMF,
modem, musical tones)
A0
8
I
slave address input (to be
connected to VDD or VSS)
D0/SCL
9
I
parallel data input or
I2C-bus clock line
D1/SDA
10
I
parallel data input or
I2C-bus data line
D2, D3
11, 12
I
parallel data inputs
n.c.
13
−
not connected
D4
14
I
parallel data input
VSS
15
P
negative supply
VDD
16
P
positive supply
6.5
Pinning PCD3312C
handbook, halfpage
1
2
3
4
8
7
6
5
MGG510
PCD3312C
SDA
SCL
VDD
A0
TONE
OSCO
OSCI
VSS
Fig.4 Pin configuration PCD3312C.
6.6
Pin description PCD3312C
SYMBOL
PIN
TYPE
DESCRIPTION
VSS
1
P
negative supply
VDD
2
P
positive supply
OSCI
3
I
oscillator input
OSCO
4
O
oscillator output
TONE
5
O
frequency output (DTMF,
modem, musical tones)
A0
6
I
slave address input (to be
connected to VDD or VSS)
SCL
7
I
I2C-bus clock line
SDA
8
I
I2C-bus data line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com