Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3312CT Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCD3312CT
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3312CT Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCD3312CT Datasheet HTML 10Page - NXP Semiconductors PCD3312CT Datasheet HTML 11Page - NXP Semiconductors PCD3312CT Datasheet HTML 12Page - NXP Semiconductors PCD3312CT Datasheet HTML 13Page - NXP Semiconductors PCD3312CT Datasheet HTML 14Page - NXP Semiconductors PCD3312CT Datasheet HTML 15Page - NXP Semiconductors PCD3312CT Datasheet HTML 16Page - NXP Semiconductors PCD3312CT Datasheet HTML 17Page - NXP Semiconductors PCD3312CT Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
1996 Nov 21
14
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
Table 6
Explanation of time symbols used in Fig.11
8.5.2
LOW-SPEED MODE
Masters generate a bus clock with a maximum frequency of 2 kHz; a minimum LOW period of 105
µs and a minimum
HIGH period of 365
µs. The mark-to-space ratio is 1 : 3 LOW-to-HIGH. Detailed timing is shown in Fig.13, where the two
signal levels are LOW = VIL and HIGH = VIH, see Chapter 11. Figure 14 shows a complete data transfer in low-speed
mode.The time symbols are explained in Table 7.
SYMBOL
PARAMETER
REMARKS
MIN.
MAX.
UNIT
fSCL
SCL clock frequency
0
100
kHz
tSW
tolerable pulse spike width
−
100
ns
tBUF
bus free time
The time that the bus is free (SDA is HIGH)
before a new transmission is initiated by SDA
going LOW.
4.7
−µs
tSU;STA
set-up time repeated START
Only valid for repeated start code.
4.7
−µs
tHD;STA
hold time START condition
The time between SDA going LOW and the first
valid negative-going transition of SCL.
4.0
−µs
tLOW
SCL LOW time
The LOW period of the SCL clock.
4.7
−µs
tHIGH
SCL HIGH time
The HIGH period of the SCL clock.
4.0
−µs
tr
rise time SDA and SCL
−
1.0
µs
tf
fall time SDA and SCL
−
0.3
µs
tSU;DAT
data set-up time
250
−
ns
tHD;DAT
data hold time
0
−
ns
tSU;STO
set-up time STOP condition
4.0
−µs
Fig.12 Complete data transfer in standard mode.
handbook, full pagewidth
MBC765
9
8
1 - 7
9
8
1 - 7
9
8
1 - 7
STOP
ACK
ADDRESS
R/W
START
CONDITION
ACK
DATA
START
CONDITION
ACK
ADDRESS
R/W
SCL
SDA
Clock LOW minimum = 4.7
µs; clock HIGH minimum = 4 µs.
The dashed line is the acknowledgment of the receiver.
Mark-to-space ratio = 1 : 1 (LOW-to-HIGH).
Maximum number of bytes is unrestricted.
Premature termination of transfer is allowed by generation of STOP condition.
Acknowledge clock bit must be provided by master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com