Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3349AP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCD3349AP
Description  8-bit microcontroller with DTMF generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349AP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCD3349AP Datasheet HTML 2Page - NXP Semiconductors PCD3349AP Datasheet HTML 3Page - NXP Semiconductors PCD3349AP Datasheet HTML 4Page - NXP Semiconductors PCD3349AP Datasheet HTML 5Page - NXP Semiconductors PCD3349AP Datasheet HTML 6Page - NXP Semiconductors PCD3349AP Datasheet HTML 7Page - NXP Semiconductors PCD3349AP Datasheet HTML 8Page - NXP Semiconductors PCD3349AP Datasheet HTML 9Page - NXP Semiconductors PCD3349AP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1998 May 11
6
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
6
FREQUENCY GENERATOR
A versatile frequency generator section is provided (see
Fig.3). For normal operation, use a 3.58 MHz quartz
crystal or PXE resonator. The frequency generator
includes precision circuitry for dual tone multifrequency
(DTMF) signals, which is typically used for tone dialling
telephone sets.
The TONE output can alternatively issue twelve modem
frequencies for data rates between 300 and 1200 bits/s.
In addition to DTMF and modem frequencies, two octaves
of musical scale in steps of semitones are available.
6.1
Frequency generator derivative registers
Table 2 gives the derivative addresses, mnemonics and access types of the frequency generator derivative registers.
The addresses 03H to FFH are not used.
Table 2
Addresses of the frequency generator derivative registers
Notes
1. HGF = High Group Frequency; access type W.
2. LGF = Low Group Frequency; access type W.
ADDRESS
REGISTER
7
6
5
4
3
2
1
0
01H
HGF(1)
H7
H6
H5
H4
H3
H2
H1
H0
02H
LGF(2)
L7
L6
L5
L4
L3
L2
L1
L0
Fig.3 Block diagram of the frequency generator section.
dbook, full pagewidth
HGF
REGISTER
MBG099
DIGITAL
SINE WAVE
SYNTHESIZER
8
SWITCHED-
CAPACITOR
BANDGAP
VOLTAGE
REFERENCE
DAC
DAC
LGF
REGISTER
DIGITAL
SINE WAVE
SYNTHESIZER
8
8 internal bus
SWITCHED-
CAPACITOR
LOW-PASS FILTER
RC LOW-PASS
FILTER
TONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com