Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3349AP Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCD3349AP
Description  8-bit microcontroller with DTMF generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349AP Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCD3349AP Datasheet HTML 6Page - NXP Semiconductors PCD3349AP Datasheet HTML 7Page - NXP Semiconductors PCD3349AP Datasheet HTML 8Page - NXP Semiconductors PCD3349AP Datasheet HTML 9Page - NXP Semiconductors PCD3349AP Datasheet HTML 10Page - NXP Semiconductors PCD3349AP Datasheet HTML 11Page - NXP Semiconductors PCD3349AP Datasheet HTML 12Page - NXP Semiconductors PCD3349AP Datasheet HTML 13Page - NXP Semiconductors PCD3349AP Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1998 May 11
10
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
13 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134); see note 1 and 2.
Notes
1. Stresses above those listed under Limiting Values may cause permanent damage to the device.
2. Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to
VSS unless otherwise noted.
14 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, it is good practice to take
normal precautions appropriate to handling MOS devices (see
“Handling MOS devices”).
15 DC CHARACTERISTICS
VDD = 1.8 to 6 V; VSS =0V; Tamb = −25 to +70 °C; all voltages with respect to VSS; fxtal = 3.58 MHz (gmL); unless
otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+7.0
V
VI
all input voltages
−0.5
VDD + 0.5 V
II, IO
DC input or output current
−10
+10
mA
Ptot
total power dissipation
−
125
mW
PO
power dissipation per output
−
30
mW
ISS
ground supply current
−50
+50
mA
Tstg
storage temperature
−65
+150
°C
Tj
operating junction temperature
−
90
°C
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Supply (see Figs 5 to 9)
VDD
supply voltage
operating; note 1
1.8
−
6V
RAM data retention in
Stop mode
1.0
−
6V
IDD
operating supply current;
note 2
VDD = 3 V; value HGF ≠ 0 and/or LGF ≠ 0 −
0.9
1.8
mA
VDD =3V
−
0.3
0.6
mA
VDD =5V; fxtal = 10 MHz (gmL)
−
1.1
3.0
mA
VDD =5V; fxtal = 16 MHz (gmM)
−
1.7
5.0
mA
VDD =5V; fxtal = 16 MHz (gmH)
−
2.5
6.0
mA
IDD(idle)
supply current Idle mode;
note 2
VDD = 3 V; value HGF ≠ 0 and/or LGF ≠ 0 −
0.7
1.4
mA
VDD = 3 V; value HGF = LGF = 0
−
0.2
0.4
mA
VDD =5V; fxtal = 10 MHz (gmL)
−
0.8
1.6
mA
VDD =5V; fxtal = 16 MHz (gmM)
−
1.2
4.0
mA
VDD =5V; fxtal = 16 MHz (gmH)
−
1.7
5.0
mA
IDD(stp)
supply current Stop mode
VDD = 1.8 V; Tamb =25 °C; note 3
−
1.0
2.5
µA
VDD = 1.8 V; Tamb =70 °C; note 3
−−
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com