Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3349AT Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCD3349AT
Description  8-bit microcontroller with DTMF generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349AT Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCD3349AT Datasheet HTML 5Page - NXP Semiconductors PCD3349AT Datasheet HTML 6Page - NXP Semiconductors PCD3349AT Datasheet HTML 7Page - NXP Semiconductors PCD3349AT Datasheet HTML 8Page - NXP Semiconductors PCD3349AT Datasheet HTML 9Page - NXP Semiconductors PCD3349AT Datasheet HTML 10Page - NXP Semiconductors PCD3349AT Datasheet HTML 11Page - NXP Semiconductors PCD3349AT Datasheet HTML 12Page - NXP Semiconductors PCD3349AT Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1998 May 11
9
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
7
TIMING
Although the PCD3349A operates over a clock frequency
range from 1 to 16 MHz, fxtal = 3.58 MHz will usually be
chosen to take full advantage of the frequency generator
section.
8
RESET
In addition to the conditions given in the
“PCD33xxA
Family” data sheet, all derivative registers are cleared in
the RESET state.
9
STOP MODE
Since the oscillator is switched off, the frequency
generator receives no clock. It is suggested to clear both
the HGF and LGF registers before entering Stop mode.
This will cut-off the biasing of the internal amplifiers,
considerably reducing current requirements.
10 IDLE MODE
In the Idle mode, the frequency generator remains
operative.
11 INSTRUCTION SET RESTRICTIONS
Since no serial I/O interface is provided, the serial I/O
(Input/Output) instructions are not available. ‘MOV Dx, A’
is the only applicable derivative instruction because the
derivative registers are write-only.
ROM space being restricted to 4 kbytes, SEL MB2/3 would
define non-existing Program Memory banks and should
therefore be avoided.
RAM space being restricted to 224 bytes, care should be
taken to avoid accesses to non-existing RAM locations.
12 SUMMARY OF MASK OPTIONS
Table 7
Port mask options
Notes
1. Port output drives:
a) Option 1: standard I/O.
b) Option 2: open-drain I/O.
c) Option 3: push-pull output; see
“PCD33xxA Family” data sheet.
2. Port state after reset: S = Set (HIGH) and R = Reset (LOW).
Table 8
Mask options
PORT NAME
PORT OUTPUT DRIVE(1)
PORT STATE AFTER RESET(2)
OPTION 1
OPTION 2
OPTION 3
SET
RESET
Port 0 (P0.0 to P0.7)
X
X
X
X
X
Port 1 (P1.0 to P1.7)
X
X
X
X
X
Port 2 (P2.0 to P2.7)
X
X
X
X
X
FEATURE
DESCRIPTION
ROM code: program/data
Any mix of instructions and data up to ROM size of 4 kbytes.
Power-on-reset voltage level: VPOR
1.2 to 3.6 V in increments of 100 mV; OFF
Oscillator transconductance: gm
LOW transconductance: gmL
MEDIUM transconductance: gmM
HIGH transconductance: gmH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com