Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3349AT Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCD3349AT
Description  8-bit microcontroller with DTMF generator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3349AT Datasheet(HTML) 3 Page - NXP Semiconductors

  PCD3349AT Datasheet HTML 1Page - NXP Semiconductors PCD3349AT Datasheet HTML 2Page - NXP Semiconductors PCD3349AT Datasheet HTML 3Page - NXP Semiconductors PCD3349AT Datasheet HTML 4Page - NXP Semiconductors PCD3349AT Datasheet HTML 5Page - NXP Semiconductors PCD3349AT Datasheet HTML 6Page - NXP Semiconductors PCD3349AT Datasheet HTML 7Page - NXP Semiconductors PCD3349AT Datasheet HTML 8Page - NXP Semiconductors PCD3349AT Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
1998 May 11
3
Philips Semiconductors
Product specification
8-bit microcontroller with DTMF generator
PCD3349A
1
FEATURES
• 8-bit CPU, ROM, RAM, I/O in a single 28-lead package
• 4-kbyte ROM
• 224-byte RAM
• Over 100 instructions (based on MAB8048) all of 1 or 2
cycles
• 20 quasi-bidirectional I/O port lines
• 8-bit programmable Timer/event counter 1
• 2 single-level vectored interrupts:
– external
– Timer/event counter 1
• Two test inputs, one of which also serves as the external
interrupt input
• DTMF tone generator
• Reference for supply and temperature-independent
TONE output
• Filtering for low output distortion (CEPT compatible)
• Power-on-reset
• Stop and Idle modes
• Supply voltage: 1.8 to 6 V (DTMF TONE output from
2.5 V)
• Low standby voltage of 1 V
• Low Stop mode current of 1 µA (typical)
• Clock frequency: 1 to 16 MHz (3.58 MHz for DTMF
suggested)
• Manufactured in silicon gate CMOS process.
2
GENERAL DESCRIPTION
The PCD3349A provides 4 kbytes of Program Memory,
224 bytes of RAM and 20 I/O lines.
The PCD3349A is a microcontroller which has been
designed primarily for telecom applications. It includes an
on-chip dual tone multi-frequency (DTMF) generator.
The instruction set is based on that of the MAB8048 and is
software compatible with the PCD33xxA family.
This data sheet details the specific properties of the
PCD3349A. The shared characteristics of the PCD33xxA
family of microcontrollers are described in the
“PCD33xxA
Family” data sheet and also in “Data Handbook IC03;
Section PCD33xxA Family”, which should be read in
conjunction with this publication.
3
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCD3349AP
DIP28
plastic dual in-line package; 28 leads (600 mil)
SOT117-1
PCD3349AT
SO28
plastic small outline package; 28 leads; body width 7.5 mm
SOT136-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com