Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS339 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS339
Description  Micropower Quad CMOS Voltage Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS339 Datasheet(HTML) 1 Page - STMicroelectronics

  TS339 Datasheet HTML 1Page - STMicroelectronics TS339 Datasheet HTML 2Page - STMicroelectronics TS339 Datasheet HTML 3Page - STMicroelectronics TS339 Datasheet HTML 4Page - STMicroelectronics TS339 Datasheet HTML 5Page - STMicroelectronics TS339 Datasheet HTML 6Page - STMicroelectronics TS339 Datasheet HTML 7Page - STMicroelectronics TS339 Datasheet HTML 8Page - STMicroelectronics TS339 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev 2
August 2005
1/9
9
TS339
Micropower Quad CMOS Voltage Comparators
Extremely low supply current: 9
µa typ/comp.
Wide single supply range 2.7V to 16V or dual
supplies (±1.35V to ±8V)
Extremely low input bias current: 1pA typ.
Extremely low input offset current: 1pA typ.
Input common-mode voltage range includes
GND
High input impedance: 10
12Ω typ
Fast response time: 1.5
µs typ. for 5mV
overdrive
Pin-to-pin and functionally compatible with
bipolar LM339
Description
The TS339 is a micropower CMOS quad voltage
comparator with extremely low consumption of
9
µA typ / comparator (20 times less than bipolar
LM339). Similar performances are offered by the
quad micropower comparator TS3704 with a
push-pull CMOS output.
Thus response times remain similar to the LM339.
Pin Connection (top view)
Order Codes
N
DIP14
(Plastic Package)
D
SO14
(Plastic Micropackage)
P
TSSOP14
(Thin Shrink Small Outline Package)
Inverting Input 2
Output 2
Non-inverting Input 2
Output 1
Inverting Input 1
Non-inverting Input 1
CC
V
-
CC
V
1
2
3
4
8
5
6
7
9
10
11
12
13
14
+
Output 3
Output 4
Non-inverting Input 4
Inverting Input 4
Non-inverting Input 3
Inverting Input 3
-
+
-
+
-
+
-
+
Part Number
Temperature
Range
Package
Packaging
Marking
TS339CN
0°C, +70°C
DIP14
Tube
TS339CN
TS339CD/CDT
SO-14
Tube or Tape & Reel
S339C
TS339IN
-40°C, +125°C
DIP14
Tube
TS339IN
TS339ID/IDT
SO-14
Tube or Tape & Reel
S339I
TS339IPT
TSSOP14
(Thin Shrink Outline Package)
Tape & Reel
S339I
TS339IYD/IYDT
SO-14 (automotive grade level)
Tube or Tape & Reel
S339IY
www.st.com


Similar Part No. - TS339

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS339 STMICROELECTRONICS-TS339 Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Sep-1998
logo
Taiwan Semiconductor Co...
TS339 TSC-TS339 Datasheet
137Kb / 6P
Quad Voltage Comparator
TS339 TSC-TS339 Datasheet
218Kb / 7P
Low Power Low Offset Quad Comparators
logo
STMicroelectronics
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Sep-1998
logo
Taiwan Semiconductor Co...
TS339CD TSC-TS339CD Datasheet
137Kb / 6P
Quad Voltage Comparator
More results

Similar Description - TS339

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS339C STMICROELECTRONICS-TS339C Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Sep-1998
TS3704C STMICROELECTRONICS-TS3704C Datasheet
51Kb / 6P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
Jan-1999
TS3V339 STMICROELECTRONICS-TS3V339 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
TS3V3704 STMICROELECTRONICS-TS3V3704 Datasheet
59Kb / 6P
3V MICROPOWER QUAD VOLTAGE COMPARATORS
Oct-1997
logo
Texas Instruments
TLC3704 TI-TLC3704 Datasheet
350Kb / 31P
QUAD MICROPOWER LinCMOSE VOLTAGE COMPARATORS
TLC3704-Q1 TI-TLC3704-Q1 Datasheet
383Kb / 23P
QUAD MICROPOWER LINCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TS3704 STMICROELECTRONICS-TS3704_07 Datasheet
137Kb / 11P
MICROPOWER QUAD CMOS VOLTAGE COMPARATORS
26-Feb-2007
logo
Texas Instruments
TLC3704-Q1 TI1-TLC3704-Q1_14 Datasheet
395Kb / 26P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
logo
STMicroelectronics
TSX3704 STMICROELECTRONICS-TSX3704 Datasheet
990Kb / 22P
Micropower quad CMOS voltage comparators
29-Feb-2016
logo
Texas Instruments
TLC3704 TI1-TLC3704_16 Datasheet
1Mb / 37P
QUAD MICROPOWER LinCMOS VOLTAGE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com