Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS339 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS339
Description  Micropower Quad CMOS Voltage Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS339 Datasheet(HTML) 2 Page - STMicroelectronics

  TS339 Datasheet HTML 1Page - STMicroelectronics TS339 Datasheet HTML 2Page - STMicroelectronics TS339 Datasheet HTML 3Page - STMicroelectronics TS339 Datasheet HTML 4Page - STMicroelectronics TS339 Datasheet HTML 5Page - STMicroelectronics TS339 Datasheet HTML 6Page - STMicroelectronics TS339 Datasheet HTML 7Page - STMicroelectronics TS339 Datasheet HTML 8Page - STMicroelectronics TS339 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute Maximum Ratings
TS339
2/9
1
Absolute Maximum Ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
+
Supply Voltage (1)
1.
All voltage values, except differential voltage, are with respect to network ground terminal.
18
V
Vid
Differential Input Voltage (2)
2.
Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
±18
V
Vi
Input Voltage (3)
3.
Excursions of input voltages may exceed the power supply level. As long as the common mode voltage
[Vicm=(Vin
+ + V
in
-)/2] remains within the specified range, the comparator will provide a stable output state.
However, the maximum current through the ESD diodes (IF) of the input stage must strictly be observed.
18
V
Vo
Output Voltage
18
V
Io
Output Current
20
mA
IF
Forward Current in ESD Protection Diodes on Inputs (4)
4.
Guaranteed by design.
50
mA
pd
Power Dissipation (5) DIP14
SO14
TSSOP14
5.
Pd is calculated with Tamb = +25°C, Tj = +150°C and
Rthja = 80 °C/W for DIP14 package
Rthja = 150 °C/W for SO14 package
Rthja = 175°C/W for TSSOP14 package
1500
830
710
mW
Tstg
Storage Temperature Range
-65 to +150
°C
ESD
HBM: Human Body Model(6)
6.
Human body model, 100pF discharged through a 1.5k
Ω resistor into pin of device.
50
V
MM: Machine Model(7)
7.
Machine model ESD, a 200pF cap is charged to the specified voltage, then discharged directly into the IC with
no external series resistor (internal resistor < 5
Ω), into pin to pin of device.
40
V
CDM: Charged Device Model
800
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com