Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3312 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCD3312
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3312 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCD3312 Datasheet HTML 13Page - NXP Semiconductors PCD3312 Datasheet HTML 14Page - NXP Semiconductors PCD3312 Datasheet HTML 15Page - NXP Semiconductors PCD3312 Datasheet HTML 16Page - NXP Semiconductors PCD3312 Datasheet HTML 17Page - NXP Semiconductors PCD3312 Datasheet HTML 18Page - NXP Semiconductors PCD3312 Datasheet HTML 19Page - NXP Semiconductors PCD3312 Datasheet HTML 20Page - NXP Semiconductors PCD3312 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
1996 Nov 21
17
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
10 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
11 CHARACTERISTICS
VDD = 2.5 to 6.0 V; VSS =0V; Tamb = −25 to +70 °C; all voltages with respect to VSS; fxtal = 3.58 MHz (gmL);
maximum series resistance = 50
Ω; unless otherwise specified.
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.8
+8.0
V
VI
all input voltages
−0.8
VDD + 0.8
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
Ptot
total power dissipation
−
300
mW
PO
power dissipation per output
−
50
mW
IDD
supply current through pin VDD
−50
+50
mA
ISS
supply current through pin VSS
−50
+50
mA
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
−25
+70
°C
SYMBOL
PARAMETER
MIN.
TYP
MAX.
UNIT
VDD
operating supply voltage
2.5
−
6.0
V
IDD
operating supply current (note 1)
no output tone
−
50
100
µA
single output tone
−
0.5
0.8
mA
dual output tone
−
0.6
0.9
mA
Istb
static standby current (note 2)
−−
3
µA
Inputs/outputs (SDA)
D0 TO D5; MODE; STROBE
VIL
LOW level input voltage
0
−
0.3VDD
V
VIH
HIGH level input voltage
0.7VDD
−
VDD
V
D2 TO D5 MODE; STROBE; A0
IIL
pull-down input current; VI =VDD
−30
−150
−300
nA
SCL (D0); SDA (D1)
IOL
LOW level output current (SDA); VOL = 0.4 V
3
−−
mA
fSCL
SCL clock frequency
−−
100
kHz
Ci
input capacitance; VI =VSS
−−
7pF
ti
allowable input spike pulse width
−−
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com