Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3312 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCD3312
Description  DTMF/modem/musical-tone generators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3312 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCD3312 Datasheet HTML 17Page - NXP Semiconductors PCD3312 Datasheet HTML 18Page - NXP Semiconductors PCD3312 Datasheet HTML 19Page - NXP Semiconductors PCD3312 Datasheet HTML 20Page - NXP Semiconductors PCD3312 Datasheet HTML 21Page - NXP Semiconductors PCD3312 Datasheet HTML 22Page - NXP Semiconductors PCD3312 Datasheet HTML 23Page - NXP Semiconductors PCD3312 Datasheet HTML 24Page - NXP Semiconductors PCD3312 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
1996 Nov 21
21
Philips Semiconductors
Product specification
DTMF/modem/musical-tone generators
PCD3311C; PCD3312C
12 APPLICATION INFORMATION
Fig.23 PCD3311C driven by microcontroller with parallel data bus.
handbook, halfpage
MBH669
3A
2
1
6B
5
4
9C
8
7
D
0
GENERAL
PURPOSE
MICROCONTROLLER
(4 or 8-BIT)
OSCI OSCO STROBE
MODE
VDD
VSS
D0
D5
TONE
PCD3311C
data bus
mute
VSS
VDD
Fig.24 PCD3312C driven by microcontroller PCF84C21A. The PCF84C21A is a single-chip 8-bit microcontroller
with 2 kbytes ROM and I2C-bus. The same application is possible with the PCD3311C with MODE = VSS.
handbook, halfpage
MGG544
4 pF
3A
2
1
6B
5
4
9C
8
7
D
0
TELEPHONY
MICROCONTROLLER
PCF84C21A
OSCI OSCO
OSCI OSCO
A0
VSS
VDD
SCL
SDA
TONE
PCD3312C
3.58 MHz
I2C bus
mute
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com