Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD3360 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCD3360
Description  Programmable multi-tone telephone ringer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCD3360 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCD3360 Datasheet HTML 3Page - NXP Semiconductors PCD3360 Datasheet HTML 4Page - NXP Semiconductors PCD3360 Datasheet HTML 5Page - NXP Semiconductors PCD3360 Datasheet HTML 6Page - NXP Semiconductors PCD3360 Datasheet HTML 7Page - NXP Semiconductors PCD3360 Datasheet HTML 8Page - NXP Semiconductors PCD3360 Datasheet HTML 9Page - NXP Semiconductors PCD3360 Datasheet HTML 10Page - NXP Semiconductors PCD3360 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
1997 Jan 15
7
Philips Semiconductors
Product specification
Programmable multi-tone telephone ringer
PCD3360
7.7
Selection of repetition rates (RR1 and RR2)
The duration of a time interval within a tone sequence is
determined by the state of inputs RR1 and RR2 as shown
in Table 3. The resultant variation of repetition rates acts
as a distinguishing feature between adjacent telephones.
Table 3
Duration of time intervals (fOSC = 64 kHz)
The repetition rate variation can be extended by mask
programming the same tone combination for all 4 tone
sequences, but with a different number of time intervals
per tone. Thus the repetition rate can be selected from
16 values by inputs RR1, RR2, TSI and TS2. The single
tone sequence used is customer-defined.
INPUT STATE
TIME INTERVAL
(ms)
RR1
RR2
LOW
LOW
15
LOW
HIGH
30
HIGH
LOW
45
HIGH
HIGH
60
7.8
Drive mode selection (DM)
The output signal at pin TONE can be selected for
application with electro-dynamic or piezo-electric
transducers. An example of both signals, for a tone
frequency of 667 Hz, is shown in Fig.6.
7.8.1
LOUDSPEAKER MODE
In the loudspeaker mode (DM = LOW), pin TONE outputs
a delta-modulated signal that approximates a sinewave
sampled at a rate of 32 kHz. The output pulse duration is
determined by pins IS1 and IS2. The resultant acoustic
spectrum is aurally more acceptable and has greater
penetration than a square-wave spectrum because more
power is concentrated at the fundamental frequency.
7.8.2
PXE MODE
In the PXE mode (DM = HIGH), pin TONE outputs a
square wave. In this mode the ringer impedance and
sound pressure level are determined by characteristics
(e.g. the size) of the PXE transducer; inputs IS1 and IS2
are inactive.
7.9
Setting of impedance, sound pressure level and automatic swell (IS1 and IS2)
With DM = LOW (loudspeaker mode), inputs IS1 and IS2 determine the pulse duration of the output signal and thereby
the DC resistance Rxy (seen at points x and y in Fig.8), the input impedance Zi and also the Sound Pressure Level (SPL).
The selection of 3 impedance settings and automatic swell is shown in Table 4.
Table 4
Setting of pulse duration and automatic swell (DM = LOW)
Notes
1. Typical pulse durations, tfund and tharm, for the delta-modulated approximation of fundamental and harmonic signals;
valid for fOSC = 64 kHz and fclk = 32 kHz. See Fig.6 and Fig.7.
2. SPL is the relative Sound Pressure Level, and 0 dBr is defined as the SPL for IS1 = IS2 = HIGH.
3. Values of the DC resistance Rxy, bell impedance (Zi) and SPL are valid for a value of input voltage Vi(rms) =40V.
INPUT STATE
FUNCTION
RINGING
BURST
NUMBER (N)
PULSE
DURATION(1) (
µs)
Rxy(3)
(k
Ω)
Zi(3)
(k
Ω)
SPL(2)(3)
(dBr)
IS1
IS2
tfund
tharm
LOW
LOW
automatic swell
1
1.9
−
40
tbf
tbf
2
2.9
−
20
17.5
−4
>2
4.1
1.8
5
7
0
LOW
HIGH
constant level
−
2.9
−
20
17.5
−4
HIGH
LOW
−
3.8
−
10
10.5
tbf
HIGH
HIGH
−
5.4
−
570



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com